Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6202 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6202
Description  DMOS FULL BRIDGE DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6202 Datasheet(HTML) 3 Page - STMicroelectronics

  L6202 Datasheet HTML 1Page - STMicroelectronics L6202 Datasheet HTML 2Page - STMicroelectronics L6202 Datasheet HTML 3Page - STMicroelectronics L6202 Datasheet HTML 4Page - STMicroelectronics L6202 Datasheet HTML 5Page - STMicroelectronics L6202 Datasheet HTML 6Page - STMicroelectronics L6202 Datasheet HTML 7Page - STMicroelectronics L6202 Datasheet HTML 8Page - STMicroelectronics L6202 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
PINS FUNCTIONS
Device
Name
Function
L6201
L6201PS
L6202
L6203
1
16
1
10
SENSE
A resistor Rsense connected to this pin provides feedback for
motor current control.
2
17
2
11
ENAB
LE
When a logic high is present on this pin the DMOS POWER
transistors are enabled to be selectively driven by IN1 and IN2.
3
2,3,9,12,
18,19
3
N.C.
Not Connected
4,5
4
6
GND
Common Ground Terminal
1, 10
5
GND
Common Ground Terminal
6,7
6
GND
Common Ground Terminal
8
7
N.C.
Not Connected
9
4
8
1
OUT2
Ouput of 2nd Half Bridge
10
5
9
2
Vs
Supply Voltage
11
6
10
3
OUT1
Output of first Half Bridge
12
7
11
4
BOOT1
A boostrap capacitor connected to this pin ensures efficient
driving of the upper POWER DMOS transistor.
13
8
12
5
IN1
Digital Input from the Motor Controller
14,15
13
6
GND
Common Ground Terminal
11, 20
14
GND
Common Ground Terminal
16,17
15
GND
Common Ground Terminal
18
13
16
7
IN2
Digital Input from the Motor Controller
19
14
17
8
BOOT2
A boostrap capacitor connected to this pin ensures efficient
driving of the upper POWER DMOS transistor.
20
15
18
9
Vref
Internal voltage reference. A capacitor from this pin to GND is
recommended. The internal Ref. Voltage can source out a
current of 2mA max.
Symbol
Parameter
Value
Unit
Vs
Power Supply
52
V
VOD
Differential Output Voltage (between Out1 and Out2)
60
V
VIN, VEN
Input or Enable Voltage
– 0.3 to + 7
V
Io
Pulsed Output Current
for L6201PS/L6202/L6203 (Note 1)
– Non Repetitive (< 1 ms) for L6201
for L6201PS/L6202/L6203
DC Output Current
for L6201 (Note 1)
5
5
10
1
A
A
A
A
Vsense
Sensing Voltage
– 1 to + 4
V
Vb
Boostrap Peak Voltage
60
V
Ptot
Total Power Dissipation:
Tpins = 90
°C for L6201
for L6202
Tcase = 90
°C for L6201PS/L6203
Tamb = 70
°C for L6201 (Note 2)
for L6202 (Note 2)
for L6201PS/L6203 (Note 2)
4
5
20
0.9
1.3
2.3
W
W
W
W
W
W
Tstg, Tj
Storage and Junction Temperature
– 40 to + 150
°C
Note 1: Pulse width limited only by junction temperature and transient thermal impedance (see thermal characteristics)
Note 2: Mounted on board with minimized dissipating copper area.
ABSOLUTE MAXIMUM RATINGS
L6201 - L6202 - L6203
3/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com