Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPS20200CTN Datasheet(PDF) 14 Page - STMicroelectronics

Part # STPS20200CTN
Description  Power Schottky diode
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20200CTN Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STPS20200CTN Datasheet HTML 7Page - STMicroelectronics STPS20200CTN Datasheet HTML 8Page - STMicroelectronics STPS20200CTN Datasheet HTML 9Page - STMicroelectronics STPS20200CTN Datasheet HTML 10Page - STMicroelectronics STPS20200CTN Datasheet HTML 11Page - STMicroelectronics STPS20200CTN Datasheet HTML 12Page - STMicroelectronics STPS20200CTN Datasheet HTML 13Page - STMicroelectronics STPS20200CTN Datasheet HTML 14Page - STMicroelectronics STPS20200CTN Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Ordering information
STPS20200C
14/15
DocID024382 Rev 2
3
Ordering information
4
Revision history
Table 9. Ordering information
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
STPS20200CT
STPS20200CT
TO-220AB
2.20 g
50
Tube
STPS20200CTN
STPS20200CTN
TO-220AB
narrow leads
1.90 g
50
Tube
STPS20200CFP
STPS20200CFP
TO-220FPAB
2.0 g
50
Tube
STPS20200CG-TR
STPS20200CG
D2PAK
1.48g
1000
Tape and reel
Table 10. Document revision history
Date
Revision
Changes
11-Apr-2013
1
First issue
16-Oct-2013
2
Updated Table 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com