Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP8N80K5 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STP8N80K5
Description  N-channel 800 V, 0.8 typ., 6 A Zener-protected SuperMESH 5 Power MOSFET in TO-220 and IPAK packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP8N80K5 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STP8N80K5 Datasheet HTML 8Page - STMicroelectronics STP8N80K5 Datasheet HTML 9Page - STMicroelectronics STP8N80K5 Datasheet HTML 10Page - STMicroelectronics STP8N80K5 Datasheet HTML 11Page - STMicroelectronics STP8N80K5 Datasheet HTML 12Page - STMicroelectronics STP8N80K5 Datasheet HTML 13Page - STMicroelectronics STP8N80K5 Datasheet HTML 14Page - STMicroelectronics STP8N80K5 Datasheet HTML 15Page - STMicroelectronics STP8N80K5 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
DocID023544 Rev 4
15/16
STP8N80K5, STU8N80K5
Revision history
5
Revision history
Table 11. Document revision history
Date
Revision
Changes
06-Aug-2012
1
First release.
16-Oct-2012
2
– Minor text changes in cover page
– Updatd: P
TOT
value for DPAK, TO-220 and IPAK in
Table 2,
R
thj-case
value for DPAK in
Table 3, V
SD
value in
Table 7
– Deleted T
I
in
Table 3
– Updated
Section 4: Package mechanical data for DPAK and
IPAK
21-Mar-2013
3
– Minor text changes
– Added:
Section 2.1: Electrical characteristics (curves)
– Modified:
Figure 1, I
AR
, I
AS
, note
4 on Table 2, R
DS(on)
typical
value on
Table 4, typical values on Table 5, 6 and 7
– Updated:
Section 4: Package mechanical data
– The part numbers STF8N80K5, STFI8N80K5 and
STD8N80K5 have been moved to the separate datasheets
27-Mar-2013
4
Added: MOSFET dv/dt ruggedness on
Table 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com