Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP2303ADN Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2303ADN
Description  3A, 28V, 360kHz Synchronous Rectified Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2303ADN Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2303ADN Datasheet HTML 7Page - Monolithic Power Systems MP2303ADN Datasheet HTML 8Page - Monolithic Power Systems MP2303ADN Datasheet HTML 9Page - Monolithic Power Systems MP2303ADN Datasheet HTML 10Page - Monolithic Power Systems MP2303ADN Datasheet HTML 11Page - Monolithic Power Systems MP2303ADN Datasheet HTML 12Page - Monolithic Power Systems MP2303ADN Datasheet HTML 13Page - Monolithic Power Systems MP2303ADN Datasheet HTML 14Page - Monolithic Power Systems MP2303ADN Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MP2303A – 3A, 28V, 360kHz SYNCHRONOUS RECTIFIED, STEP-DOWN CONVERTER
MP2303A Rev.1.1
www.MonolithicPower.com
13
7/25/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PCB LAYOUT GUIDE
PCB layout is very important to achieve stable
operation. It is highly recommended to duplicate
EVB layout for optimum performance.
If change is necessary, please follow these
guidelines and take Figure 4 for reference.
1) Keep the path of switching current short and
minimize the loop area formed by Input cap,
high-side MOSFET and low-side MOSFET.
2) Bypass ceramic capacitors are suggested to
be put close to the VIN Pin.
3) Ensure all feedback connections are short
and direct. Place the feedback resistors and
compensation components as close to the
chip as possible.
4) Rout SW away from sensitive analog areas
such as FB.
5) Connect IN, SW, and especially GND
respectively to a large copper area to cool
the chip to improve thermal performance and
long-term reliability.
INPUT
4.75V to 23V
OUTPUT
C1
C2
C4
C3
D1
(optional)
C5
L1
R3
R2
R1
MP2303A
BS
IN
FB
SW
SS
GND
COMP
EN
1
2
3
5
6
4
8
7
MP2303A Typical Application Circuit
L1
C4
R4
C3
R3
PGND
R1
R1
C5
D1
C2
PGND
C1
R2
SGND
TOP Layer
Bottom Layer
Figure 4―MP2303A Typical Application Circuit and PCB Layout Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com