Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F3010 Datasheet(PDF) 3 Page - Microchip Technology

Part # DSPIC30F3010
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F3010 Datasheet(HTML) 3 Page - Microchip Technology

  DSPIC30F3010 Datasheet HTML 1Page - Microchip Technology DSPIC30F3010 Datasheet HTML 2Page - Microchip Technology DSPIC30F3010 Datasheet HTML 3Page - Microchip Technology DSPIC30F3010 Datasheet HTML 4Page - Microchip Technology DSPIC30F3010 Datasheet HTML 5Page - Microchip Technology DSPIC30F3010 Datasheet HTML 6Page - Microchip Technology DSPIC30F3010 Datasheet HTML 7Page - Microchip Technology DSPIC30F3010 Datasheet HTML 8Page - Microchip Technology DSPIC30F3010 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 236 page
background image
© 2007 Microchip Technology Inc.
DS70135E-page 1
dsPIC30F4011/4012
High-Performance, Modified RISC CPU:
• Modified Harvard architecture
• C compiler optimized instruction set architecture
with flexible addressing modes
• 83 base instructions
• 24-bit wide instructions, 16-bit wide data path
• 48 Kbytes on-chip Flash program space
(16K instruction words)
• 2 Kbytes of on-chip data RAM
• 1 Kbyte of nonvolatile data EEPROM
• Up to 30 MIPS operation:
- DC to 40 MHz external clock input
- 4 MHz-10 MHz oscillator input with
PLL active (4x, 8x, 16x)
• 30 interrupt sources:
- 3 external interrupt sources
- 8 user-selectable priority levels for each
interrupt source
- 4 processor trap sources
• 16 x 16-bit working register array
DSP Engine Features:
• Dual data fetch
• Accumulator write-back for DSP operations
• Modulo and Bit-Reversed Addressing modes
• Two, 40-bit wide accumulators with optional
saturation logic
• 17-bit x 17-bit single-cycle hardware
fractional/integer multiplier
• All DSP instructions are single cycle
• ±16-bit, single-cycle shift
Peripheral Features:
• High-current sink/source I/O pins: 25 mA/25 mA
•Timer module with programmable prescaler:
- Five 16-bit timers/counters; optionally pair
16-bit timers into 32-bit timer modules
• 16-bit Capture input functions
• 16-bit Compare/PWM output functions
• 3-wire SPI modules (supports 4 Frame modes)
•I2C™ module supports Multi-Master/Slave mode
and 7-bit/10-bit addressing
• 2 UART modules with FIFO Buffers
• 1 CAN module, 2.0B compliant
Motor Control PWM Module Features:
• 6 PWM output channels:
- Complementary or Independent Output
modes
- Edge and Center-Aligned modes
• 3 duty cycle generators
• Dedicated time base
• Programmable output polarity
• Dead-time control for Complementary mode
• Manual output control
• Trigger for A/D conversions
Quadrature Encoder Interface Module
Features:
• Phase A, Phase B and Index Pulse input
• 16-bit up/down position counter
• Count direction status
• Position Measurement (x2 and x4) mode
• Programmable digital noise filters on inputs
• Alternate 16-Bit Timer/Counter mode
• Interrupt on position counter rollover/underflow
Note: This data sheet summarizes features of this group
of dsPIC30F devices and is not intended to be a complete
reference source. For more information on the CPU,
peripherals, register descriptions and general device
functionality, refer to the “dsPIC30F Family Reference
Manual” (DS70046). For more information on the device
instruction set and programming, refer to the “dsPIC30F/
33F Programmer’s Reference Manual” (DS70157).
dsPIC30F4011/4012 Enhanced Flash
16-Bit Digital Signal Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com