Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP2488DN Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2488DN
Description  200kHz, 55V Input, 2A High Power LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2488DN Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2488DN Datasheet HTML 1Page - Monolithic Power Systems MP2488DN Datasheet HTML 2Page - Monolithic Power Systems MP2488DN Datasheet HTML 3Page - Monolithic Power Systems MP2488DN Datasheet HTML 4Page - Monolithic Power Systems MP2488DN Datasheet HTML 5Page - Monolithic Power Systems MP2488DN Datasheet HTML 6Page - Monolithic Power Systems MP2488DN Datasheet HTML 7Page - Monolithic Power Systems MP2488DN Datasheet HTML 8Page - Monolithic Power Systems MP2488DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MP2488 – 2A, 200kHz, 55V HIGH-POWER LEDS DRIVER
MP2488 Rev. 1.0
www.MonolithicPower.com
3
6/20/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VEN = 2.5V, VCOMP = 1.4V, TA= +25C, unless otherwise noted.
Specifications over temperature are guaranteed by design and characterization.
Parameter
Symbol Condition
Min
Typ
Max
Units
Feedback Voltage
VFB
4.5V < VIN < 55V
188
200
212
mV
Upper Switch On Resistance
(5)
RDS(ON) VBST – VSW = 5V
220
mΩ
Upper Switch Leakage
VEN = 0V, VSW = 0V
0.1
μA
Current Limit
2.6
3.2
A
Error Amp Voltage Gain
AVEA
400
V/V
Error Amp Transconductance
GEA
ICOMP = ±3µA
350
µA/V
Error Amp Min Source current
VFB = 175mV
10
µA
Error Amp Min Sink current
VFB = 225mV
-10
µA
VIN UVLO Threshold
VIN rising
2.7
3.0
3.3
V
VIN UVLO Hysteresis
0.4
V
Soft-Start Time
(5)
20mV < VFB < 190mV
0.18
ms
Oscillator Frequency
fs
RFREQ = 495kΩ
150
200
250
kHz
Minimum Switch On Time
(5)
100
ns
Shutdown Supply Current
VEN < 0.3V
12
25
µA
Quiescent Supply Current
No load, VFB = 240mV
130
µA
Thermal Shutdown
Hysteresis = 20
C
150
C
Minimum Off Time
(5)
100
ns
Minimum On Time
(5)
100
ns
EN Up Threshold
1.3
1.5
1.7
V
EN Threshold Hysteresis
300
mV
Note:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com