Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ16GS402 Datasheet(PDF) 35 Page - Microchip Technology

Part # DSPIC33FJ16GS402
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ16GS402 Datasheet(HTML) 35 Page - Microchip Technology

Back Button DSPIC33FJ16GS402 Datasheet HTML 31Page - Microchip Technology DSPIC33FJ16GS402 Datasheet HTML 32Page - Microchip Technology DSPIC33FJ16GS402 Datasheet HTML 33Page - Microchip Technology DSPIC33FJ16GS402 Datasheet HTML 34Page - Microchip Technology DSPIC33FJ16GS402 Datasheet HTML 35Page - Microchip Technology DSPIC33FJ16GS402 Datasheet HTML 36Page - Microchip Technology DSPIC33FJ16GS402 Datasheet HTML 37Page - Microchip Technology DSPIC33FJ16GS402 Datasheet HTML 38Page - Microchip Technology DSPIC33FJ16GS402 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 33
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
bit 7-5
IPL<2:0>:
CPU Interrupt Priority Level Status bits(2)
111
= CPU Interrupt Priority Level is 7 (15), user interrupts disabled
110
= CPU Interrupt Priority Level is 6 (14)
101
= CPU Interrupt Priority Level is 5 (13)
100
= CPU Interrupt Priority Level is 4 (12)
011
= CPU Interrupt Priority Level is 3 (11)
010
= CPU Interrupt Priority Level is 2 (10)
001
= CPU Interrupt Priority Level is 1 (9)
000
= CPU Interrupt Priority Level is 0 (8)
bit 4
RA: REPEAT
Loop Active bit
1
= REPEAT loop in progress
0
= REPEAT loop not in progress
bit 3
N:
MCU ALU Negative bit
1
= Result was negative
0
= Result was non-negative (zero or positive)
bit 2
OV:
MCU ALU Overflow bit
This bit is used for signed arithmetic (2’s complement). It indicates an overflow of a magnitude that
causes the sign bit to change state.
1
= Overflow occurred for signed arithmetic (in this arithmetic operation)
0
= No overflow occurred
bit 1
Z:
MCU ALU Zero bit
1
= An operation that affects the Z bit has set it at some time in the past
0
= The most recent operation that affects the Z bit has cleared it (i.e., a non-zero result)
bit 0
C:
MCU ALU Carry/Borrow bit
1
= A carry-out from the Most Significant bit of the result occurred
0
= No carry-out from the Most Significant bit of the result occurred
REGISTER 3-1:
SR: CPU STATUS REGISTER (CONTINUED)
Note 1:
This bit can be read or cleared (not set).
2:
The IPL<2:0> bits are concatenated with the IPL<3> bit (CORCON<3>) to form the CPU Interrupt Priority
Level (IPL). The value in parentheses indicates the IPL if IPL<3> = 1. User interrupts are disabled when
IPL<3> = 1.
3:
The IPL<2:0> Status bits are read-only when NSTDIS = 1 (INTCON1<15>).
4:
Clearing this bit will clear SA and SB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com