Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ16GS504 Datasheet(PDF) 44 Page - Microchip Technology

Part # DSPIC33FJ16GS504
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ16GS504 Datasheet(HTML) 44 Page - Microchip Technology

Back Button DSPIC33FJ16GS504 Datasheet HTML 40Page - Microchip Technology DSPIC33FJ16GS504 Datasheet HTML 41Page - Microchip Technology DSPIC33FJ16GS504 Datasheet HTML 42Page - Microchip Technology DSPIC33FJ16GS504 Datasheet HTML 43Page - Microchip Technology DSPIC33FJ16GS504 Datasheet HTML 44Page - Microchip Technology DSPIC33FJ16GS504 Datasheet HTML 45Page - Microchip Technology DSPIC33FJ16GS504 Datasheet HTML 46Page - Microchip Technology DSPIC33FJ16GS504 Datasheet HTML 47Page - Microchip Technology DSPIC33FJ16GS504 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 42
Preliminary
© 2009 Microchip Technology Inc.
4.1.1
PROGRAM MEMORY
ORGANIZATION
The program memory space is organized in word-
addressable blocks. Although it is treated as 24 bits
wide, it is more appropriate to think of each address of
the program memory as a lower and upper word, with
the upper byte of the upper word being unimplemented.
The lower word always has an even address, while the
upper word has an odd address (see Figure 4-2).
Program memory addresses are always word-aligned
on the lower word, and addresses are incremented or
decremented by two during the code execution. This
arrangement provides compatibility with data memory
space addressing and makes data in the program
memory space accessible.
4.1.2
INTERRUPT AND TRAP VECTORS
All dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/
X04 devices reserve the addresses between 0x00000
and 0x000200 for hard-coded program execution vectors.
A hardware Reset vector is provided to redirect code exe-
cution from the default value of the PC on device Reset to
the actual start of code. A GOTO instruction is
programmed by the user application at 0x000000, with
the actual address for the start of code at 0x000002.
The dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/
X04 devices also have two interrupt vector tables, located
from 0x000004 to 0x0000FF and 0x000100 to 0x0001FF.
These vector tables allow each of the device interrupt
sources to be handled by separate Interrupt Service
Routines (ISRs). A more detailed discussion of the
interrupt vector tables is provided in Section 7.1
“Interrupt Vector Table”
.
FIGURE 4-2:
PROGRAM MEMORY ORGANIZATION
0
8
16
PC Address
0x000000
0x000002
0x000004
0x000006
23
00000000
00000000
00000000
00000000
Program Memory
‘Phantom’ Byte
(read as ‘0’)
least significant word
most significant word
Instruction Width
0x000001
0x000003
0x000005
0x000007
msw
Address
(lsw Address)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com