Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ16GS504 Datasheet(PDF) 92 Page - Microchip Technology

Part # DSPIC33FJ16GS504
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ16GS504 Datasheet(HTML) 92 Page - Microchip Technology

Back Button DSPIC33FJ16GS504 Datasheet HTML 88Page - Microchip Technology DSPIC33FJ16GS504 Datasheet HTML 89Page - Microchip Technology DSPIC33FJ16GS504 Datasheet HTML 90Page - Microchip Technology DSPIC33FJ16GS504 Datasheet HTML 91Page - Microchip Technology DSPIC33FJ16GS504 Datasheet HTML 92Page - Microchip Technology DSPIC33FJ16GS504 Datasheet HTML 93Page - Microchip Technology DSPIC33FJ16GS504 Datasheet HTML 94Page - Microchip Technology DSPIC33FJ16GS504 Datasheet HTML 95Page - Microchip Technology DSPIC33FJ16GS504 Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 90
Preliminary
© 2009 Microchip Technology Inc.
6.1
System Reset
The dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/
X04 families of devices have two types of Reset:
•Cold Reset
•Warm Reset
A cold Reset is the result of a Power-on Reset (POR)
or a Brown-out Reset (BOR). On a cold Reset, the
FNOSC Configuration bits in the FOSC Configuration
register select the device clock source.
A warm Reset is the result of all the other Reset
sources, including the RESET instruction. On warm
Reset, the device will continue to operate from the
current clock source as indicated by the Current
Oscillator Selection (COSC<2:0>) bits in the Oscillator
Control (OSCCON<14:12>) register.
The device is kept in a Reset state until the system
power supplies have stabilized at appropriate levels
and the oscillator clock is ready. The sequence in
which this occurs is detailed below and is shown in
Figure 6-2.
1.
POR Reset:
A POR circuit holds the device in
Reset when the power supply is turned on. The
POR circuit is active until VDD crosses the VPOR
threshold and the delay, TPOR, has elapsed.
2.
BOR Reset:
The on-chip voltage regulator has
a BOR circuit that keeps the device in Reset
until VDD crosses the VBOR threshold and the
delay, TBOR, has elapsed. The delay, TBOR,
ensures that the voltage regulator output
becomes stable.
3.
PWRT Timer:
The programmable power-up
timer continues to hold the processor in Reset
for a specific period of time (TPWRT) after a
BOR. The delay TPWRT ensures that the system
power
supplies
have
stabilized
at
the
appropriate level for full-speed operation. After
the delay, TPWRT, has elapsed, the SYSRST
becomes inactive, which in turn enables the
selected oscillator to start generating clock
cycles.
4.
Oscillator Delay:
The total delay for the clock to
be ready for various clock source selections is
given in Table 6-1. Refer to Section 8.0
“Oscillator Configuration”
for more information.
5.
When the oscillator clock is ready, the processor
begins execution from location 0x000000. The
user application programs a GOTO instruction at
the Reset address, which redirects program
execution to the appropriate start-up routine.
6.
The Fail-Safe Clock Monitor (FSCM), if enabled,
begins to monitor the system clock when the
system clock is ready and the delay, TFSCM,
elapsed.
TABLE 6-1:
OSCILLATOR DELAY
Oscillator Mode
Oscillator
Startup Delay
Oscillator
Startup Timer
PLL Lock Time
Total Delay
FRC, FRCDIV16, FRCDIVN
TOSCD(1)
——
TOSCD(1)
FRCPLL
TOSCD(1)
—TLOCK(3)
TOSCD + TLOCK(1,3)
XT
TOSCD(1)
TOST(2)
—TOSCD + TOST(1,2)
HS
TOSCD(1)
TOST(2)
—TOSCD + TOST(1,2)
EC
————
XTPLL
TOSCD(1)
TOST(2)
TLOCK(3)
TOSCD + TOST +
TLOCK(1,2,3)
HSPLL
TOSCD(1)
TOST(2)
TLOCK(3)
TOSCD + TOST +
TLOCK(1,2,3)
ECPLL
—
—
TLOCK(3)
TLOCK(3)
LPRC
TOSCD(1)
——
TOSCD(1)
Note 1:
TOSCD = Oscillator start-up delay (1.1
μs max for FRC, 70 μs max for LPRC). Crystal oscillator start-up
times vary with crystal characteristics, load capacitance, etc.
2:
TOST = Oscillator start-up timer delay (1024 oscillator clock period). For example, TOST = 102.4
μs for a
10 MHz crystal and TOST = 32 ms for a 32 kHz crystal.
3:
TLOCK = PLL lock time (1.5 ms nominal) if PLL is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com