Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6S91 Datasheet(PDF) 37 Page - Microchip Technology

Part # MCP6S91
Description  Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S91 Datasheet(HTML) 37 Page - Microchip Technology

Back Button MCP6S91 Datasheet HTML 32Page - Microchip Technology MCP6S91 Datasheet HTML 33Page - Microchip Technology MCP6S91 Datasheet HTML 34Page - Microchip Technology MCP6S91 Datasheet HTML 35Page - Microchip Technology MCP6S91 Datasheet HTML 36Page - Microchip Technology MCP6S91 Datasheet HTML 37Page - Microchip Technology MCP6S91 Datasheet HTML 38Page - Microchip Technology MCP6S91 Datasheet HTML 39Page - Microchip Technology MCP6S91 Datasheet HTML 40Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
 2004 Microchip Technology Inc.
DS21908A-page 37
MCP6S91/2/3
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
Device:
MCP6S91:
One-channel PGA
MCP6S91T: One-channel PGA
(Tape and Reel for SOIC and MSOP-8)
MCP6S92:
Two-channel PGA
MCP6S92T: Two-channel PGA
(Tape and Reel for SOIC and MSOP-8)
MCP6S93:
Two-channel PGA
MCP6S93T: Two-channel PGA
(Tape and Reel for MSOP-10)
Temperature Range:
E
=
-40°C to +125°C
Package:
MS = Plastic Micro Small Outline (MSOP), 8-lead
P
= Plastic DIP (300 mil Body), 8-lead
SN = Plastic SOIC (150 mil Body), 8-lead
UN = Plastic Micro Small Outline (MSOP), 10-lead
Examples:
a)
MCP6S91-E/P:
One-channel PGA,
PDIP package.
b)
MCP6S91-E/SN:
One-channel PGA,
SOIC package.
c)
MCP6S91-E/MS:
One-channel PGA,
MSOP package.
a)
MCP6S92-E/MS:
Two-channel PGA,
MSOP-8 package.
b)
MCP6S92T-E/MS: Tape and Reel,
Two-channel PGA,
MSOP-8 package.
a)
MCP6S93-E/UN:
Two-channel PGA,
MSOP-10 package.
b)
MCP6S93T-E/UN: Tape and Reel,
Two-channel PGA,
MSOP-10 package.
PART NO.
-X
/XX
Package
Temperature
Range
Device
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com