Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP2560 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2560
Description  2.5A, 4MHz, 42V Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2560 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2560 Datasheet HTML 1Page - Monolithic Power Systems MP2560 Datasheet HTML 2Page - Monolithic Power Systems MP2560 Datasheet HTML 3Page - Monolithic Power Systems MP2560 Datasheet HTML 4Page - Monolithic Power Systems MP2560 Datasheet HTML 5Page - Monolithic Power Systems MP2560 Datasheet HTML 6Page - Monolithic Power Systems MP2560 Datasheet HTML 7Page - Monolithic Power Systems MP2560 Datasheet HTML 8Page - Monolithic Power Systems MP2560 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MP2560 – 2.5A, 4MHz, 42V STEP-DOWN CONVERTER
MP2560 Rev. 1.2
www.MonolithicPower.com
3
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VEN = 2.5V, VCOMP = 1.4V, TA= +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Feedback Voltage
VFB
4.5V < VIN < 42V
0.776
0.8
0.824
V
Upper Switch On Resistance
RDS(ON)
VBST – VSW = 5V
220
mΩ
Upper Switch Leakage
VEN = 0V, VSW = 0V, VIN = 42V
1
µA
Current Limit
Duty Cycle = 50%
2.9
3.5
A
COMP to Current Sense
Transconductance
GCS
8
A/V
Error Amp Voltage Gain
200
V/V
Error Amp Transconductance
ICOMP = ±3µA
40
60
80
µA/V
Error Amp Min Source current
VFB = 0.7V
5
µA
Error Amp Min Sink current
VFB = 0.9V
–5
µA
VIN UVLO Threshold
2.7
3.0
3.3
V
VIN UVLO Hysteresis
0.4
V
Soft-Start Time
10% < VOUT < 90%
1.3
(5)
ms
RFREQ = 45kΩ
1.6
2
2.4
MHz
Oscillator Frequency
RFREQ = 18kΩ
3.2
4
4.8
MHz
Shutdown Supply Current
VEN = 0V
12
20
µA
Quiescent Supply Current
No load, VFB = 0.9V
120
145
µA
Thermal Shutdown
150
°C
Thermal Shutdown Hysteresis
15
°C
Minimum Off Time
(6)
100
ns
Minimum On Time
(6)
100
ns
EN Up Threshold
1.3
1.5
1.7
V
EN Threshold Hysteresis
300
mV
Note:
5) The Soft-Start Time is measured based on VOUT from 10% to 90% and multiplied by 1.25 to get 0% to 100% Soft-Start Time.
6) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com