Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MF-PSHT010X Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MF-PSHT010X
Description  PTC Resettable Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-PSHT010X Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MF-PSHT010X Datasheet HTML 1Page - Bourns Electronic Solutions MF-PSHT010X Datasheet HTML 2Page - Bourns Electronic Solutions MF-PSHT010X Datasheet HTML 3Page - Bourns Electronic Solutions MF-PSHT010X Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
MF-PSHT Series - PTC Resettable Fuses
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Model
AB
C
D
Min.
Max.
Min.
Max.
Min.
Max.
Min.
MF-PSHT010X
2.00
(0.079)
2.30
(0.091)
1.20
(0.047)
1.50
(0.059)
0.40
(0.016)
0.80
(0.031)
0.25
(0.010)
Packaging: 3000 pcs. per reel.
Terminal material:
Nickel/gold plated.
Termination pad solderability:
Standard Au finish:
Meets ANSI/J-STD-002 Category 2.
Recommended Storage:
40 °C max./70 % RH max.
A
B
1.50 ± 0.10
(.059 ± .004)
C
Top View
Bottom View
Side View
Recommended Pad Layout
D
F
1.20 ± 0.10
(.047 ± .004)
1.00 ± 0.05
(.039 ± .002)
Typical Time to Trip at 23 ˚C
The Time to Trip curves represent typical performance of a device in a simulated application
environment. Actual performance in specific customer applications may differ from these values due
to the influence of other variables.
How to Order
MF - PSHT 010 X - 2
Multifuse® Product
Designator
Series
PSHT = 0805 High Temperature
Surface Mount
Component
Hold Current, Ihold
010 (0.10 Amps)
Multifuse® freeXpansion™ Design
Packaging
Packaged per EIA 481-1
-2 = Tape and Reel
Typical Part Marking
Represents total content. Layout may vary.
10
100
1
0.1
0.01
0.001
1
0.1
10
Current (Amps)
MF-PSHT010X
PART IDENTIFICATION:
MF-PSHT010X = F
BIWEEKLY DATE CODE WILL APPEAR ON THE PACKAGING LABEL:
WEEK 1 AND 2 = A
WEEK 51 AND 52 = Z
F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com