Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGIPS30C60-H Datasheet(PDF) 16 Page - STMicroelectronics

Part # STGIPS30C60-H
Description  SLLIMM small low-loss intelligent molded module IPM 3-phase inverter - 30 A
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS30C60-H Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STGIPS30C60-H Datasheet HTML 12Page - STMicroelectronics STGIPS30C60-H Datasheet HTML 13Page - STMicroelectronics STGIPS30C60-H Datasheet HTML 14Page - STMicroelectronics STGIPS30C60-H Datasheet HTML 15Page - STMicroelectronics STGIPS30C60-H Datasheet HTML 16Page - STMicroelectronics STGIPS30C60-H Datasheet HTML 17Page - STMicroelectronics STGIPS30C60-H Datasheet HTML 18Page - STMicroelectronics STGIPS30C60-H Datasheet HTML 19Page - STMicroelectronics STGIPS30C60-H Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Package mechanical data
STGIPS30C60-H
16/21
DocID024473 Rev 3
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK
®
packages, depending on their level of environmental compliance. ECOPACK
®
specifications, grade definitions and product status are available at:
www.st.com.
ECOPACK
®
is an ST trademark.
Please refer to dedicated technical note TN0107 for mounting instructions.
Table 14. SDIP-25L package mechanical data
Dim.
(mm.)
Min.
Typ.
Max.
A
43.90
44.40
44.90
A1
1.15
1.35
1.55
A2
1.40
1.60
1.80
A3
38.90
39.40
39.90
B
21.50
22.00
22.50
B1
11.25
11.85
12.45
B2
24.83
25.23
25.63
C
5.00
5.40
6.00
C1
6.50
7.00
7.50
C2
11.20
11.70
12.20
e
2.15
2.35
2.55
e1
3.40
3.60
3.80
e2
4.50
4.70
4.90
e3
6.30
6.50
6.70
D
33.30
D1
5.55
E11.20
E1
1.40
F
0.85
1.00
1.15
F1
0.35
0.50
0.65
R
1.55
1.75
1.95
T
0.45
0.55
0.65
V0°
6°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com