Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGIPS20C60 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGIPS20C60
Description  SLLIMM small low-loss intelligent molded moduleI PM, 3-phase inverter - 20 A, 600 V short-circuit rugged IGBT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS20C60 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGIPS20C60 Datasheet HTML 4Page - STMicroelectronics STGIPS20C60 Datasheet HTML 5Page - STMicroelectronics STGIPS20C60 Datasheet HTML 6Page - STMicroelectronics STGIPS20C60 Datasheet HTML 7Page - STMicroelectronics STGIPS20C60 Datasheet HTML 8Page - STMicroelectronics STGIPS20C60 Datasheet HTML 9Page - STMicroelectronics STGIPS20C60 Datasheet HTML 10Page - STMicroelectronics STGIPS20C60 Datasheet HTML 11Page - STMicroelectronics STGIPS20C60 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Electrical characteristics
STGIPS20C60
8/21
DocID024138 Rev 5
Figure 5. Switching time test circuit
Figure 4 "Switching time definition" refers to HIN inputs (active high). For LIN inputs (active low),
V
IN
polarity must be inverted for turn-on and turn-off.
Figure 6. Switching time definition
VBOOT>VCC
RSD
L
IC
VCE
+5V
VCC
INPUT
0
1
BUS
/Lin
/SD
Hin
Vcc
DT
LVG
HVG
OUT
BOOT
CP+
GND
AM17099v1
VCE
IC
IC
VIN
t
ON
t
C(ON)
VIN(ON)
10% IC 90% IC 10% VCE
(a) turn-on
(b) turn-off
t
rr
100% IC 100% IC
VIN
VCE
t
OFF
t
C(OFF)
VIN(OFF)
10%
VCE
10%
IC
AM09223V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com