Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VC20MC0950KBA Datasheet(PDF) 5 Page - AVX Corporation

Part # VC20MC0950KBA
Description  Medium Power Multilayer Chip Varistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC20MC0950KBA Datasheet(HTML) 5 Page - AVX Corporation

  VC20MC0950KBA Datasheet HTML 1Page - AVX Corporation VC20MC0950KBA Datasheet HTML 2Page - AVX Corporation VC20MC0950KBA Datasheet HTML 3Page - AVX Corporation VC20MC0950KBA Datasheet HTML 4Page - AVX Corporation VC20MC0950KBA Datasheet HTML 5Page - AVX Corporation VC20MC0950KBA Datasheet HTML 6Page - AVX Corporation VC20MC0950KBA Datasheet HTML 7Page - AVX Corporation VC20MC0950KBA Datasheet HTML 8Page - AVX Corporation VC20MC0950KBA Datasheet HTML 9Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
15
Medium Power MLV (VJ13, 14, 15, 20)
Medium Power Multilayer Chip Varistor
Transient Voltage Suppression, ESD Protection Devices & EMI Devices
AUTOMOTIVE SERIES – VJ13, 14, 15, 20
FEATURES
• Pd/Ag Terminations
• High Energy Ratings (up to 25 Joules with 2220 case size)
• Multiple Strike Capability
• Provides EMC Capacitance
• Well suited to protect against automotive related transients
• Specified with “Load Dump” and “Jump Start” Test
Requirements
GENERAL CHARACTERISTICS
Storage Temperature: -55ºC to +125ºC
Operating Temperature: -55ºC to +125ºC
TARGET APPLICATIONS
Automotive and other Consumer Products
TEMPERATURE CHARACTERISTICS
For Current, Energy and Power
PART NUMBERS
Part Number
Case
Operating
Vnominal
Vclamp
Leakage
Energy
Load
Jump
Max.Peak
Mean
CAP
Size
Voltage
At 1mA DC
(8x20µs)
At Vdc
(10x1000µs)
Dump
Start
Current
Power
(1kHz/
(10x)
5min
(8x20µs) Dissipation
.5Vrms)
EIA
Vrms
Vdc
min
Nom
max
Vp
Ip(A)
µA
J
J
Max V
Ip (A)
W
pF
VJ20MA0160KBA 1206
14
16
22
24.5
27
40
1
50
0.6
1.5
24.5
200
0.008
900
VJ13MA0160KBA 1210
14
16
22
24.5
27
40
2.5
25
1.6
3
24.5
400
0.010
1800
VJ14MA0160KBA 1812
14
16
22
24.5
27
40
5
100
2.4
6
24.5
800
0.015
5000
VJ15MA0160KBA 2220
14
16
22
24.5
27
40
10
100
5.8
12
24.5
1200
0.030
11000
VJ15PA0160KBA 2220
14
16
22
24.5
27
40
10
100
5.8
25
24.5
1200
0.030
16000
VJ15MA0340KBA 2220
30
34
42.3
47
51.7
77
10
100
12
12
50
1200
0.030
4000
100
80
60
40
20
0
-55
-25
0
25
Ambient Temperature (
°C)
50
75
100
125
150
VJ15PA0160K
VJ15MA0160K
VJ14MA0160K
VJ13MA0160K
VJ20MA0160K
VJ15MA0340K
100
10
1
0.1
0.01
1,000
10,000
100,000
Frequency (kHz)
1,000,000
IMPEDANCE CHARACTERISTICS
VJ13MA0160K
VJ14MA0160K
VJ15PA0160K
VJ20MA0160K
VJ15MA0160K
VJ15MA0340K
250
200
150
100
I (A)
50
0
1E-06 0.00001 0.0001 0.001
0.01
0.1
1
10
100
1000
10000
V/I CHARACTERISTICS
V/I Characteristics: Automotive Parts



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com