Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4550ESOSQTP Datasheet(PDF) 204 Page - Microchip Technology

Part # PIC18F4550ESOSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollerswith nanoWatt Technology
PDF  438 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4550ESOSQTP Datasheet(HTML) 204 Page - Microchip Technology

Back Button PIC18F4550ESOSQTP Datasheet HTML 200Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 201Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 202Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 203Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 204Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 205Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 206Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 207Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 208Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 438 page
background image
PIC18F2455/2550/4455/4550
DS39632E-page 202
© 2009 Microchip Technology Inc.
19.3.5
MASTER MODE
The master can initiate the data transfer at any time
because it controls the SCK. The master determines
when the slave (Processor 2, Figure 19-2) is to
broadcast data by the software protocol.
In Master mode, the data is transmitted/received as
soon as the SSPBUF register is written to. If the SPI is
only going to receive, the SDO output could be dis-
abled (programmed as an input). The SSPSR register
will continue to shift in the signal present on the SDI pin
at the programmed clock rate. As each byte is
received, it will be loaded into the SSPBUF register as
if a normal received byte (interrupts and status bits
appropriately set). This could be useful in receiver
applications as a “Line Activity Monitor” mode.
The clock polarity is selected by appropriately
programming the CKP bit (SSPCON1<4>). This, then,
would give waveforms for SPI communication as
shown in Figure 19-3, Figure 19-5 and Figure 19-6,
where the MSB is transmitted first. In Master mode, the
SPI clock rate (bit rate) is user-programmable to be one
of the following:
•FOSC/4 (or TCY)
•FOSC/16 (or 4 • TCY)
•FOSC/64 (or 16 • TCY)
• Timer2 output/2
This allows a maximum data rate (at 48 MHz) of
12.00 Mbps.
When used in Timer2 Output/2 mode, the bit rate can
be configured using the PR2 Period register and the
Timer2 prescaler. However, writing to SSPBUF does
not clear the current TMR2 value in hardware. Depend-
ing upon the current value of TMR2 when the user firm-
ware writes to SSPBUF, this can result in an
unpredictable MSb bit width, unless the procedure of
Example 19-2 is used.
Figure 19-3 shows the waveforms for Master mode.
When the CKE bit is set, the SDO data is valid before
there is a clock edge on SCK. The change of the input
sample is shown based on the state of the SMP bit. The
time when the SSPBUF is loaded with the received
data is shown.
EXAMPLE 19-2:
LOADING SSPBUF WITH THE TIMER2/2 CLOCK MODE
TransmitSPI:
BCF
PIR1, SSPIF
;Make sure interrupt flag is clear (may have been set from previous
transmission)
MOVF
SSPBUF, W
;Perform read, even if the data in SSPBUF is not important
MOVWF
RXDATA
;Save previously received byte in user RAM, if the data is meaningful
BCF
T2CON, TMR2ON
;Turn off timer when loading SSPBUF
CLRF
TMR2
;Set timer to a known state
MOVF
TXDATA, W
;WREG = Contents of TXDATA (user data to send)
MOVWF
SSPBUF
;Load data to send into transmit buffer
BSF
T2CON, TMR2ON
;Start timer to begin transmission
WaitComplete:
;Loop until data has finished transmitting
BTFSS
PIR1, SSPIF
;Interrupt flag set when transmit is complete
BRA
WaitComplete



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com