Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4550ESOSQTP Datasheet(PDF) 258 Page - Microchip Technology

Part # PIC18F4550ESOSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollerswith nanoWatt Technology
PDF  438 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4550ESOSQTP Datasheet(HTML) 258 Page - Microchip Technology

Back Button PIC18F4550ESOSQTP Datasheet HTML 254Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 255Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 256Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 257Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 258Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 259Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 260Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 261Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 262Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 438 page
background image
PIC18F2455/2550/4455/4550
DS39632E-page 256
© 2009 Microchip Technology Inc.
20.2.2
EUSART ASYNCHRONOUS
RECEIVER
The receiver block diagram is shown in Figure 20-6.
The data is received on the RX pin and drives the data
recovery block. The data recovery block is actually a
high-speed shifter operating at x16 times the baud rate,
whereas the main receive serial shifter operates at the
bit rate or at FOSC. This mode would typically be used
in RS-232 systems.
The RXDTP bit (BAUDCON<5>) allows the RX signal to
be inverted (polarity reversed). Devices that buffer
signals from RS-232 to TTL levels also perform an inver-
sion of the signal (when RS-232 = positive, TTL = 0).
Inverting the polarity of the RX pin data by setting the
RXDTP bit allows for the use of circuits that provide
buffering without inverting the signal.
To set up an Asynchronous Reception:
1.
Initialize the SPBRGH:SPBRG registers for the
appropriate baud rate. Set or clear the BRGH
and BRG16 bits, as required, to achieve the
desired baud rate.
2.
Enable the asynchronous serial port by clearing
bit, SYNC, and setting bit, SPEN.
3.
If the signal at the RX pin is to be inverted, set
the RXDTP bit.
4.
If interrupts are desired, set enable bit, RCIE.
5.
If 9-bit reception is desired, set bit, RX9.
6.
Enable the reception by setting bit, CREN.
7.
Flag bit, RCIF, will be set when reception is
complete and an interrupt will be generated if
enable bit, RCIE, was set.
8.
Read the RCSTA register to get the 9th bit (if
enabled) and determine if any error occurred
during reception.
9.
Read the 8-bit received data by reading the
RCREG register.
10. If any error occurred, clear the error by clearing
enable bit, CREN.
11. If using interrupts, ensure that the GIE and PEIE
bits in the INTCON register (INTCON<7:6>) are
set.
20.2.3
SETTING UP 9-BIT MODE WITH
ADDRESS DETECT
This mode would typically be used in RS-485 systems.
To set up an Asynchronous Reception with Address
Detect Enable:
1.
Initialize the SPBRGH:SPBRG registers for the
appropriate baud rate. Set or clear the BRGH
and BRG16 bits, as required, to achieve the
desired baud rate.
2.
Enable the asynchronous serial port by clearing
the SYNC bit and setting the SPEN bit.
3.
If the signal at the RX pin is to be inverted, set
the RXDTP bit. If the signal from the TX pin is to
be inverted, set the TXCKP bit.
4.
If interrupts are required, set the RCEN bit and
select the desired priority level with the RCIP bit.
5.
Set the RX9 bit to enable 9-bit reception.
6.
Set the ADDEN bit to enable address detect.
7.
Enable reception by setting the CREN bit.
8.
The RCIF bit will be set when reception is
complete. The interrupt will be Acknowledged if
the RCIE and GIE bits are set.
9.
Read the RCSTA register to determine if any
error occurred during reception, as well as read
bit 9 of data (if applicable).
10. Read RCREG to determine if the device is being
addressed.
11. If any error occurred, clear the CREN bit.
12. If the device has been addressed, clear the
ADDEN bit to allow all received data into the
receive buffer and interrupt the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com