Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4550ESOSQTP Datasheet(PDF) 294 Page - Microchip Technology

Part # PIC18F4550ESOSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollerswith nanoWatt Technology
PDF  438 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4550ESOSQTP Datasheet(HTML) 294 Page - Microchip Technology

Back Button PIC18F4550ESOSQTP Datasheet HTML 290Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 291Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 292Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 293Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 294Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 295Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 296Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 297Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 298Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 438 page
background image
PIC18F2455/2550/4455/4550
DS39632E-page 292
© 2009 Microchip Technology Inc.
25.1
Configuration Bits
The Configuration bits can be programmed (read as
‘0’) or left unprogrammed (read as ‘1’) to select various
device configurations. These bits are mapped starting
at program memory location 300000h.
The user will note that address 300000h is beyond the
user program memory space. In fact, it belongs to the
configuration memory space (300000h-3FFFFFh),
which can only be accessed using table reads and
table writes.
Programming the Configuration registers is done in a
manner similar to programming the Flash memory. The
WR bit in the EECON1 register starts a self-timed write
to the Configuration register. In normal operation mode,
a TBLWT instruction, with the TBLPTR pointing to the
Configuration register, sets up the address and the
data for the Configuration register write. Setting the WR
bit starts a long write to the Configuration register. The
Configuration registers are written a byte at a time. To
write or erase a configuration cell, a TBLWT instruction
can write a ‘1’ or a ‘0’ into the cell. For additional details
on Flash programming, refer to Section 6.5 “Writing
to Flash Program Memory”.
TABLE 25-1:
CONFIGURATION BITS AND DEVICE IDs
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default/
Unprogrammed
Value
300000h
CONFIG1L
—
—
USBDIV CPUDIV1 CPUDIV0 PLLDIV2
PLLDIV1
PLLDIV0
--00 0000
300001h
CONFIG1H
IESO
FCMEN
—
—
FOSC3
FOSC2
FOSC1
FOSC0
00-- 0101
300002h
CONFIG2L
—
—
VREGEN
BORV1
BORV0
BOREN1 BOREN0 PWRTEN
--01 1111
300003h
CONFIG2H
—
—
—
WDTPS3 WDTPS2 WDTPS1 WDTPS0
WDTEN
---1 1111
300005h
CONFIG3H MCLRE
—
—
—
—
LPT1OSC PBADEN CCP2MX
1--- -011
300006h
CONFIG4L
DEBUG
XINST
ICPRT(3)
—
—LVP
—STVREN
100- -1-1
300008h
CONFIG5L
—
—
—
—CP3(1)
CP2
CP1
CP0
---- 1111
300009h
CONFIG5H
CPD
CPB
—
—
—
—
—
—
11-- ----
30000Ah
CONFIG6L
—
—
—
—WRT3(1)
WRT2
WRT1
WRT0
---- 1111
30000Bh
CONFIG6H
WRTD
WRTB
WRTC
—
—
—
—
—
111- ----
30000Ch
CONFIG7L
—
—
—
—EBTR3(1)
EBTR2
EBTR1
EBTR0
---- 1111
30000Dh
CONFIG7H
—EBTRB
—
—
—
—
—
—
-1-- ----
3FFFFEh DEVID1
DEV2
DEV1
DEV0
REV4
REV3
REV2
REV1
REV0
xxxx xxxx(2)
3FFFFFh DEVID2
DEV10
DEV9
DEV8
DEV7
DEV6
DEV5
DEV4
DEV3
0001 0010(2)
Legend:
x = unknown, u = unchanged, - = unimplemented. Shaded cells are unimplemented, read as ‘0’.
Note 1:
Unimplemented in PIC18FX455 devices; maintain this bit set.
2:
See Register 25-13 and Register 25-14 for DEVID values. DEVID registers are read-only and cannot be programmed by
the user.
3:
Available only on PIC18F4455/4550 devices in 44-pin TQFP packages. Always leave this bit clear in all other devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com