Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4550ESOSQTP Datasheet(PDF) 314 Page - Microchip Technology

Part # PIC18F4550ESOSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollerswith nanoWatt Technology
PDF  438 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4550ESOSQTP Datasheet(HTML) 314 Page - Microchip Technology

Back Button PIC18F4550ESOSQTP Datasheet HTML 310Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 311Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 312Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 313Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 314Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 315Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 316Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 317Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 318Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 438 page
background image
PIC18F2455/2550/4455/4550
DS39632E-page 312
© 2009 Microchip Technology Inc.
Even when the dedicated port is enabled, the ICSP
functions remain available through the legacy port.
When VIHH is seen on the MCLR/VPP/RE3 pin, the
state of the ICRST/ICVPP pin is ignored.
25.9.2
28-PIN EMULATION
Devices in 44-pin TQFP packages also have the ability
to change their configuration under external control for
debugging purposes. This allows the device to behave
as if it were a 28-pin device.
This 28-pin Configuration mode is controlled through a
single pin, NC/ICPORTS. Connecting this pin to VSS
forces the device to function as a 28-pin device.
Features normally associated with the 40/44-pin
devices are disabled along with their corresponding
control registers and bits. This includes PORTD and
PORTE, the SPP and the Enhanced PWM functionality
of CCP1. On the other hand, connecting the pin to VDD
forces the device to function in its default configuration.
The configuration option is only available when back-
ground debugging and the dedicated ICD/ICSP port
are both enabled (DEBUG Configuration bit is clear
and ICPRT Configuration bit is set). When disabled,
NC/ICPORTS is a No Connect pin.
25.10 Single-Supply ICSP Programming
The LVP Configuration bit enables Single-Supply ICSP
Programming (formerly known as Low-Voltage ICSP
Programming or LVP). When Single-Supply Program-
ming is enabled, the microcontroller can be
programmed without requiring high voltage being
applied
to
the
MCLR/VPP/RE3
pin,
but
the
RB5/KBI1/PGM pin is then dedicated to controlling
Program mode entry and is not available as a general
purpose I/O pin.
While programming using Single-Supply Program-
ming, VDD is applied to the MCLR/VPP/RE3 pin as in
normal execution mode. To enter Programming mode,
VDD is applied to the PGM pin.
If Single-Supply ICSP Programming mode will not be
used, the LVP bit can be cleared. RB5/KBI1/PGM then
becomes available as the digital I/O pin, RB5. The LVP
bit may be set or cleared only when using standard
high-voltage programming (VIHH applied to the
MCLR/VPP/RE3 pin). Once LVP has been disabled,
only the standard high-voltage programming is
available and must be used to program the device.
Memory that is not code-protected can be erased using
either a Block Erase, or erased row by row, then written
at any specified VDD. If code-protected memory is to be
erased, a Block Erase is required. If a Block Erase is to
be performed when using Low-Voltage Programming,
the device must be supplied with VDD of 4.5V to 5.5V.
Note 1: The ICPRT Configuration bit can only be
programmed through the default ICSP
port (MCLR/RB6/RB7).
2: The ICPRT Configuration bit must be
maintained clear for all 28-pin and 40-pin
devices; otherwise, unexpected operation
may occur.
Note 1: High-Voltage Programming is always
available, regardless of the state of the
LVP bit, by applying VIHH to the MCLR pin.
2: While in Low-Voltage ICSP Programming
mode, the RB5 pin can no longer be used
as a general purpose I/O pin and should
be held low during normal operation.
3: When using Low-Voltage ICSP Program-
ming (LVP) and the pull-ups on PORTB
are enabled, bit 5 in the TRISB register
must be cleared to disable the pull-up on
RB5 and ensure the proper operation of
the device.
4: If the device Master Clear is disabled,
verify that either of the following is done to
ensure proper entry into ICSP mode:
a) disable Low-Voltage Programming
(CONFIG4L<2> = 0); or
b) make certain that RB5/KBI1/PGM
is held low during entry into ICSP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com