Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4550ESOSQTP Datasheet(PDF) 381 Page - Microchip Technology

Part # PIC18F4550ESOSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollerswith nanoWatt Technology
PDF  438 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4550ESOSQTP Datasheet(HTML) 381 Page - Microchip Technology

Back Button PIC18F4550ESOSQTP Datasheet HTML 377Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 378Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 379Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 380Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 381Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 382Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 383Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 384Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 385Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 438 page
background image
© 2009 Microchip Technology Inc.
DS39632E-page 379
PIC18F2455/2550/4455/4550
28.3
DC Characteristics: PIC18F2455/2550/4455/4550 (Industrial)
PIC18LF2455/2550/4455/4550 (Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C for industrial
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
VIL
Input Low Voltage
I/O Ports (except RC4/RC5 in
USB mode):
D030
with TTL Buffer
VSS
0.15 VDD
VVDD < 4.5V
D030A
—
0.8
V
4.5V
≤ VDD ≤ 5.5V
D031
with Schmitt Trigger Buffer
RB0 and RB1
VSS
VSS
0.2 VDD
0.3 VDD
V
V
When in I2C™ mode
D032
MCLR
VSS
0.2 VDD
V
D032A
OSC1 and T1OSI
VSS
0.3 VDD
VXT, HS,
HSPLL modes(1)
D033
OSC1
VSS
0.2 VDD
VEC mode(1)
VIH
Input High Voltage
I/O Ports (except RC4/RC5 in
USB mode):
D040
with TTL Buffer
0.25 VDD + 0.8V
VDD
VVDD < 4.5V
D040A
2.0
VDD
V4.5V
≤ VDD ≤ 5.5V
D041
with Schmitt Trigger Buffer
RB0 and RB1
0.8 VDD
0.7 VDD
VDD
VDD
V
V
When in I2C mode
D042
MCLR
0.8 VDD
VDD
V
D042A
OSC1 and T1OSI
0.7 VDD
VDD
VXT, HS,
HSPLL modes(1)
D043
OSC1
0.8 VDD
VDD
VEC mode(1)
IIL
Input Leakage Current(2)
D060
I/O Ports, except D+ and D-
—
±200
nA
VSS
≤ VPIN ≤ VDD,
Pin at high-impedance
D061
MCLR
—
±1
μAVss ≤ VPIN ≤ VDD
D063
OSC1
—
±1
μAVss ≤ VPIN ≤ VDD
IPU
Weak Pull-up Current
D070
IPURB
PORTB Weak Pull-up Current
50
400
μAVDD = 5V, VPIN = VSS
D071
IPURD
PORTD Weak Pull-up Current
50
400
μAVDD = 5V, VPIN = VSS
Note 1: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
2: Negative current is defined as current sourced by the pin.
3: Parameter is characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com