Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4550ESOSQTP Datasheet(PDF) 391 Page - Microchip Technology

Part # PIC18F4550ESOSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollerswith nanoWatt Technology
PDF  438 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4550ESOSQTP Datasheet(HTML) 391 Page - Microchip Technology

Back Button PIC18F4550ESOSQTP Datasheet HTML 387Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 388Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 389Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 390Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 391Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 392Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 393Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 394Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 395Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 391 / 438 page
background image
© 2009 Microchip Technology Inc.
DS39632E-page 389
PIC18F2455/2550/4455/4550
FIGURE 28-6:
CLKO AND I/O TIMING
TABLE 28-11: CLKO AND I/O TIMING REQUIREMENTS
Note:
Refer to Figure 28-4 for load conditions.
OSC1
CLKO
I/O pin
(Input)
I/O pin
(Output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
19
18
15
11
12
16
Old Value
New Value
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units Conditions
10
TosH2ckL OSC1
↑ to CLKO ↓
—
75
200
ns
(Note 1)
11
TosH2ckH OSC1
↑ to CLKO ↑
—
75
200
ns
(Note 1)
12
TckR
CLKO Rise Time
—
35
100
ns
(Note 1)
13
TckF
CLKO Fall Time
—
35
100
ns
(Note 1)
14
TckL2ioV CLKO
↓ to Port Out Valid
—
—
0.5 TCY + 20
ns
(Note 1)
15
TioV2ckH Port In Valid before CLKO
↑
0.25 TCY + 25
—
—
ns
(Note 1)
16
TckH2ioI
Port In Hold after CLKO
↑
0—
—
ns
(Note 1)
17
TosH2ioV OSC1
↑ (Q1 cycle) to Port Out Valid
—
50
150
ns
18
TosH2ioI
OSC1
↑ (Q2 cycle) to
Port Input Invalid
(I/O in hold time)
PIC18FXXXX
100
—
—
ns
18A
PIC18LFXXXX
200
—
—
ns
VDD = 2.0V
19
TioV2osH Port Input Valid to OSC1
↑ (I/O in setup
time)
0—
—
ns
20
TioR
Port Output Rise Time
PIC18FXXXX
—
10
25
ns
20A
PIC18LFXXXX
—
—
60
ns
VDD = 2.0V
21
TioF
Port Output Fall Time
PIC18FXXXX
—
10
25
ns
21A
PIC18LFXXXX
—
—
60
ns
VDD = 2.0V
22†
TINP
INTx pin High or Low Time
TCY
——
ns
23†
TRBP
RB7:RB4 Change INTx High or Low Time
TCY
——
ns
† These parameters are asynchronous events not related to any internal clock edges.
Note 1: Measurements are taken in RC mode, where CLKO output is 4 x TOSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com