Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4550ESOSQTP Datasheet(PDF) 119 Page - Microchip Technology

Part # PIC18F4550ESOSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollerswith nanoWatt Technology
PDF  438 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4550ESOSQTP Datasheet(HTML) 119 Page - Microchip Technology

Back Button PIC18F4550ESOSQTP Datasheet HTML 115Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 116Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 117Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 118Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 119Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 120Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 121Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 122Page - Microchip Technology PIC18F4550ESOSQTP Datasheet HTML 123Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 438 page
background image
© 2009 Microchip Technology Inc.
DS39632E-page 117
PIC18F2455/2550/4455/4550
TABLE 10-3:
PORTB I/O SUMMARY
Pin
Function
TRIS
Setting
I/O
I/O Type
Description
RB0/AN12/
INT0/FLT0/
SDI/SDA
RB0
0
OUT
DIG
LATB<0> data output; not affected by analog input.
1
IN
TTL
PORTB<0> data input; weak pull-up when RBPU bit is cleared.
Disabled when analog input enabled.(1)
AN12
1
IN
ANA
A/D Input Channel 12.(1)
INT0
1
IN
ST
External Interrupt 0 input.
FLT0
1
IN
ST
Enhanced PWM Fault input (ECCP1 module); enabled in software.
SDI
1
IN
ST
SPI data input (MSSP module).
SDA
1
OUT
DIG
I2C™ data output (MSSP module); takes priority over port data.
1
IN
I2C/SMB I2C data input (MSSP module); input type depends on module setting.
RB1/AN10/
INT1/SCK/
SCL
RB1
0
OUT
DIG
LATB<1> data output; not affected by analog input.
1
IN
TTL
PORTB<1> data input; weak pull-up when RBPU bit is cleared.
Disabled when analog input enabled.(1)
AN10
1
IN
ANA
A/D Input Channel 10.(1)
INT1
1
IN
ST
External Interrupt 1 input.
SCK
0
OUT
DIG
SPI clock output (MSSP module); takes priority over port data.
1
IN
ST
SPI clock input (MSSP module).
SCL
0
OUT
DIG
I2C clock output (MSSP module); takes priority over port data.
1
IN
I2C/SMB I2C clock input (MSSP module); input type depends on module setting.
RB2/AN8/
INT2/VMO
RB2
0
OUT
DIG
LATB<2> data output; not affected by analog input.
1
IN
TTL
PORTB<2> data input; weak pull-up when RBPU bit is cleared.
Disabled when analog input enabled.(1)
AN8
1
IN
ANA
A/D input channel 8.(1)
INT2
1
IN
ST
External Interrupt 2 input.
VMO
0
OUT
DIG
External USB transceiver VMO data output.
RB3/AN9/
CCP2/VPO
RB3
0
OUT
DIG
LATB<3> data output; not affected by analog input.
1
IN
TTL
PORTB<3> data input; weak pull-up when RBPU bit is cleared.
Disabled when analog input enabled.(1)
AN9
1
IN
ANA
A/D Input Channel 9.(1)
CCP2(2)
0
OUT
DIG
CCP2 compare and PWM output.
1
IN
ST
CCP2 capture input.
VPO
0
OUT
DIG
External USB transceiver VPO data output.
RB4/AN11/
KBI0/CSSPP
RB4
0
OUT
DIG
LATB<4> data output; not affected by analog input.
1
IN
TTL
PORTB<4> data input; weak pull-up when RBPU bit is cleared.
Disabled when analog input enabled.(1)
AN11
1
IN
ANA
A/D Input Channel 11.(1)
KBI0
1
IN
TTL
Interrupt-on-pin change.
CSSPP(4)
0
OUT
DIG
SPP chip select control output.
RB5/KBI1/
PGM
RB5
0
OUT
DIG
LATB<5> data output.
1
IN
TTL
PORTB<5> data input; weak pull-up when RBPU bit is cleared.
KBI1
1
IN
TTL
Interrupt-on-pin change.
PGM
x
IN
ST
Single-Supply Programming mode entry (ICSP™). Enabled by LVP
Configuration bit; all other pin functions disabled.
Legend:
OUT = Output, IN = Input, ANA = Analog Signal, DIG = Digital Output, ST = Schmitt Buffer Input,
I2C/SMB = I2C/SMBus input buffer, TTL = TTL Buffer Input, x = Don’t care (TRIS bit does not affect port direction or is
overridden for this option)
Note 1:
Configuration on POR is determined by PBADEN Configuration bit. Pins are configured as analog inputs when
PBADEN is set and digital inputs when PBADEN is cleared.
2:
Alternate pin assignment for CCP2 when CCP2MX = 0. Default assignment is RC1.
3:
All other pin functions are disabled when ICSP™ or ICD operation is enabled.
4:
40/44-pin devices only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com