Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP3305DD Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3305DD
Description  36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming & Adjust OVP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3305DD Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3305DD Datasheet HTML 1Page - Monolithic Power Systems MP3305DD Datasheet HTML 2Page - Monolithic Power Systems MP3305DD Datasheet HTML 3Page - Monolithic Power Systems MP3305DD Datasheet HTML 4Page - Monolithic Power Systems MP3305DD Datasheet HTML 5Page - Monolithic Power Systems MP3305DD Datasheet HTML 6Page - Monolithic Power Systems MP3305DD Datasheet HTML 7Page - Monolithic Power Systems MP3305DD Datasheet HTML 8Page - Monolithic Power Systems MP3305DD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MP3305 –36V, 1.3A, STEP-UP WHITE LED DRIVER WITH HIGH FREQUENCY TRUE PWM DIMMING & ADJUST OVP
MP3305 Rev. 1.0
www.MonolithicPower.com
2
4/10/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP3305DD
QFN8 (2mm x 3mm)
6E
-40
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP3305DD–Z).
For RoHS compliant packaging, add suffix –LF (e.g. MP3305DD–LF–Z)
PACKAGE REFERENCE
ABSOLUTE MAXIMUM RATINGS (1)
SW Pin, LED Pin...........................-0.5V to +40V
All Other Pins...............................-0.3V to +6.5V
Storage Temperature............... -55
°C to +150°C
Continuous Power Dissipation (TA = +25°C)
(2)
………………………………………………....1.9W
Recommended Operating Conditions
(3)
IN Supply Voltage .................................3V to 6V
SW Pin................................................VIN to 36V
Operating Junct. Temp (TJ)...... -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
QFN8 (2mm x 3mm) ...............65 ...... 13 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.
TOP VIEW
SW
PGND
VIN
OVP
1
2
3
4
GND
ISET
LED
EN
8
7
6
5
Exposed Pad
Connect to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com