Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MTP60N06HD Datasheet(PDF) 5 Page - Motorola, Inc

Part # MTP60N06HD
Description  TMOS POWER FET 60 AMPERES 60 VOLTS RDS(on) = 0.014 OHM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP60N06HD Datasheet(HTML) 5 Page - Motorola, Inc

  MTP60N06HD Datasheet HTML 1Page - Motorola, Inc MTP60N06HD Datasheet HTML 2Page - Motorola, Inc MTP60N06HD Datasheet HTML 3Page - Motorola, Inc MTP60N06HD Datasheet HTML 4Page - Motorola, Inc MTP60N06HD Datasheet HTML 5Page - Motorola, Inc MTP60N06HD Datasheet HTML 6Page - Motorola, Inc MTP60N06HD Datasheet HTML 7Page - Motorola, Inc MTP60N06HD Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MTP60N06HD
5
Motorola TMOS Power MOSFET Transistor Device Data
QT, TOTAL GATE CHARGE (nC)
RG, GATE RESISTANCE (Ohms)
Figure 8. Gate–To–Source and Drain–To–Source
Voltage versus Total Charge
1
10
100
10
100
1000
VDD = 30 V
ID = 60 A
VGS = 10 V
TJ = 25°C
tr
tf
td(on)
td(off)
Figure 9. Resistive Switching Time
Variation versus Gate Resistance
0
8
24
40
48
56
16
32
10
6
2
0
8
4
12
60
50
40
30
10
20
0
QT
Q2
VGS
ID = 60 A
TJ = 25°C
VDS
Q3
Q1
DRAIN–TO–SOURCE DIODE CHARACTERISTICS
The switching characteristics of a MOSFET body diode
are very important in systems using it as a freewheeling or
commutating diode. Of particular interest are the reverse re-
covery characteristics which play a major role in determining
switching losses, radiated noise, EMI and RFI.
System switching losses are largely due to the nature of
the body diode itself. The body diode is a minority carrier de-
vice, therefore it has a finite reverse recovery time, trr, due to
the storage of minority carrier charge, QRR, as shown in the
typical reverse recovery wave form of Figure 12. It is this
stored charge that, when cleared from the diode, passes
through a potential and defines an energy loss. Obviously,
repeatedly forcing the diode through reverse recovery further
increases switching losses. Therefore, one would like a
diode with short trr and low QRR specifications to minimize
these losses.
The abruptness of diode reverse recovery effects the
amount of radiated noise, voltage spikes, and current ring-
ing. The mechanisms at work are finite irremovable circuit
parasitic inductances and capacitances acted upon by high
di/dts. The diode’s negative di/dt during ta is directly con-
trolled by the device clearing the stored charge. However,
the positive di/dt during tb is an uncontrollable diode charac-
teristic and is usually the culprit that induces current ringing.
Therefore, when comparing diodes, the ratio of tb/ta serves
as a good indicator of recovery abruptness and thus gives a
comparative estimate of probable noise generated. A ratio of
1 is considered ideal and values less than 0.5 are considered
snappy.
Compared to Motorola standard cell density low voltage
MOSFETs, high cell density MOSFET diodes are faster
(shorter trr), have less stored charge and a softer reverse re-
covery characteristic. The softness advantage of the high
cell density diode means they can be forced through reverse
recovery at a higher di/dt than a standard cell MOSFET
diode without increasing the current ringing or the noise gen-
erated. In addition, power dissipation incurred from switching
the diode will be less due to the shorter recovery time and
lower switching losses.
VSD, SOURCE–TO–DRAIN VOLTAGE (Volts)
Figure 10. Diode Forward Voltage versus Current
0
10
30
50
60
40
20
0.5
0.6
0.7
0.8
0.9
1.0
VGS = 0 V
TJ = 25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com