| Electronic Components Datasheet Search |
|
MCP23016 Datasheet(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP23016 Datasheet(HTML) 6 Page - Microchip Technology |
|
6 / 38 page ![]() MCP23016 DS20090C-page 6 © 2007 Microchip Technology Inc. 1.7.1 DATA PORT REGISTERS Two registers provide access to the two GPIO ports: • GP0 (provides access to data port GP0) • GP1 (provides access to data port GP1) A read from this register provides status on pins of these ports. A write to these registers will modify the output latch registers (OLAT0, OLAT1) and data output. REGISTER 1-1: GP0 - GENERAL PURPOSE I/O PORT REGISTER 0 REGISTER 1-2: GP1 - GENERAL PURPOSE I/O PORT REGISTER 1 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 GP0.7GP0.6 GP0.5GP0.4 GP0.3GP0.2 GP0.1GP0.0 bit 7 bit 0 bit 7-0 GP0.0:GP0.7: Reflects the logic level on the pins. 1 = Logic ‘1’ 0 = Logic ‘0’ Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ - n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 GP1.7GP1.6 GP1.5GP1.4 GP1.3GP1.2 GP1.1GP1.0 bit 7 bit 0 bit 7-0 GP1.0:GP1.7: Reflects the logic level on the pins. 1 = Logic ‘1’ 0 = Logic ‘0’ Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ - n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |