Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP41010T Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP41010T
Description  Single/Dual Digital Potentiometer with SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP41010T Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP41010T Datasheet HTML 9Page - Microchip Technology MCP41010T Datasheet HTML 10Page - Microchip Technology MCP41010T Datasheet HTML 11Page - Microchip Technology MCP41010T Datasheet HTML 12Page - Microchip Technology MCP41010T Datasheet HTML 13Page - Microchip Technology MCP41010T Datasheet HTML 14Page - Microchip Technology MCP41010T Datasheet HTML 15Page - Microchip Technology MCP41010T Datasheet HTML 16Page - Microchip Technology MCP41010T Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
 2003 Microchip Technology Inc.
DS11195C-page 13
MCP41XXX/42XXX
4.0
APPLICATIONS INFORMATION
The MCP41XXX/42XXX devices are 256 position
single and dual digital potentiometers that can be used
in place of standard mechanical pots. Resistance val-
ues of 10 k
Ω, 50 kΩ and 100 kΩ are available. As
shown in Figure 4-1, each potentiometer is made up of
a variable resistor and an 8-bit (256 position) data reg-
ister that determines the wiper position. There is a
nominal wiper resistance of 52
Ω for the 10 kΩ version,
125
Ω for the 50 kΩ and 100 kΩ versions. For the dual
devices, the channel-to-channel matching variation is
less than 1%. The resistance between the wiper and
either of the resistor endpoints varies linearly according
to the value stored in the data register. Code 00h
effectively connects the wiper to the B terminal. At
power-up, all data registers will automatically be loaded
with the mid-scale value (80h). The serial interface pro-
vides the means for loading data into the shift register,
which is then transferred to the data registers. The
serial interface also provides the means to place indi-
vidual potentiometers in the shutdown mode for maxi-
mum power savings. The SHDN pin can also be used
to put all potentiometers in shutdown mode and the RS
pin is provided to set all potentiometers to mid-scale
(80h).
FIGURE 4-1:
Block diagram showing the MCP42XXX dual digital potentiometer. Data register 0 and
data register 1 are 8-bit registers allowing 256 positions for each wiper. Standard SPI pins are used with
the addition of the Shutdown (SHDN) and Reset (RS) pins. As shown, reset affects the data register and
wipers, bringing them to mid-scale. Shutdown disconnects the A terminal and connects the wiper to B,
without changing the state of the data registers.
When laying out the circuit for your digital potentiome-
ter, bypass capacitors should be used. These capaci-
tors should be placed as close as possible to the device
pin. A bypass capacitor value of 0.1 µF is recom-
mended. Digital and analog traces should be separated
as much as possible on the board, with no traces run-
ning underneath the device or the bypass capacitor.
Extra precautions should be taken to keep traces with
high-frequency signals (such as clock lines) as far as
possible from analog traces. Use of an analog ground
plane is recommended in order to keep the ground
potential the same for all devices on the board.
RDAC1
SCK
SO
SI
Decode
Logic
16-bit Shift Register
PA0
PB0
PW0
RDAC2
Data Register 1
CS
RS
SHDN
D7
D0
Data Register 0
D7
D0
D7
D0
PA1
PB1
PW1
VDD
A
B
W
VDD
µC
To Application
Circuit
0.1 uF
0.1 uF
Data Lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com