Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10F320T-IPQTP Datasheet(PDF) 48 Page - Microchip Technology

Part # PIC10F320T-IPQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F320T-IPQTP Datasheet(HTML) 48 Page - Microchip Technology

Back Button PIC10F320T-IPQTP Datasheet HTML 44Page - Microchip Technology PIC10F320T-IPQTP Datasheet HTML 45Page - Microchip Technology PIC10F320T-IPQTP Datasheet HTML 46Page - Microchip Technology PIC10F320T-IPQTP Datasheet HTML 47Page - Microchip Technology PIC10F320T-IPQTP Datasheet HTML 48Page - Microchip Technology PIC10F320T-IPQTP Datasheet HTML 49Page - Microchip Technology PIC10F320T-IPQTP Datasheet HTML 50Page - Microchip Technology PIC10F320T-IPQTP Datasheet HTML 51Page - Microchip Technology PIC10F320T-IPQTP Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 210 page
background image
PIC10(L)F320/322
DS41585A-page 48
Preliminary
 2011 Microchip Technology Inc.
6.6.3
PIR1 REGISTER
The PIR1 register contains the interrupt flag bits, as
shown in Register 6-3.
Note:
Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the Global
Interrupt Enable bit, GIE, of the INTCON
register. User software should ensure the
appropriate interrupt flag bits are clear prior
to enabling an interrupt.
REGISTER 6-3:
PIR1: PERIPHERAL INTERRUPT REQUEST REGISTER 1
U-0
R/W-0/0
U-0
R/W-0/0
R/W-0/0
U-0
R/W-0/0
U-0
—ADIF
—
NCO1IF
CLC1IF
—TMR2IF
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
Unimplemented
: Read as ‘0’
bit 6
ADIF:
A/D Converter Interrupt Flag bit
1
= The A/D conversion completed
0
= The A/D conversion is not complete
bit 5
Unimplemented
: Read as ‘0’
bit 4
NCO1IF:
Numerically Controlled Oscillator Interrupt Flag bit
1
= NCO1 overflow occurred (must be cleared in software)
0
= No NCO1 overflow
bit 3
CLC1IF:
Configurable Logic Block Rising Edge Interrupt Flag bit
1
= CLC interrupt occurred (must be cleared in software)
0
= No CLC Interrupt
bit 2
Unimplemented
: Read as ‘0’
bit 1
TMR2IF:
TMR2 to PR2 Match Interrupt Flag bit
1
= TMR2 to PR2 match occurred (must be cleared in software)
0
= No TMR2 to PR2 match
Note:
The match must occur the number of times specified by the TMR2 postscaler (Register 17-1).
bit 0
Unimplemented
: Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com