Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

16F87 Datasheet(PDF) 44 Page - Microchip Technology

Part # 16F87
Description  18/20/28-Pin Enhan lashMicrocontrollers with nanoWatt Technology
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F87 Datasheet(HTML) 44 Page - Microchip Technology

Back Button 16F87 Datasheet HTML 40Page - Microchip Technology 16F87 Datasheet HTML 41Page - Microchip Technology 16F87 Datasheet HTML 42Page - Microchip Technology 16F87 Datasheet HTML 43Page - Microchip Technology 16F87 Datasheet HTML 44Page - Microchip Technology 16F87 Datasheet HTML 45Page - Microchip Technology 16F87 Datasheet HTML 46Page - Microchip Technology 16F87 Datasheet HTML 47Page - Microchip Technology 16F87 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 228 page
background image
PIC16F87/88
DS30487C-page 42
 2005 Microchip Technology Inc.
• Clock before switch: One of INTOSC/INTOSC
postscaler (IRCF<2:0>
≠ 000)
1.
IRCF bits are modified to a different INTOSC/
INTOSC postscaler frequency.
2.
The clock switching circuitry waits for a falling
edge of the current clock, at which point CLKO
is held low.
3.
The clock switching circuitry then waits for eight
falling edges of requested clock, after which it
switches CLKO to this new clock source.
4.
The IOFS bit is set.
5.
Oscillator switchover is complete.
4.6.6
OSCILLATOR DELAY UPON
POWER-UP, WAKE-UP AND
CLOCK SWITCHING
Table 4-3 shows the different delays invoked for
various clock switching sequences. It also shows the
delays invoked for POR and wake-up.
TABLE 4-3:
OSCILLATOR DELAY EXAMPLES
Clock Switch
Frequency
Oscillator Delay
Comments
From
To
Sleep/POR
INTRC
T1OSC
31.25 kHz
32.768 kHz
CPU Start-up(1)
Following a wake-up from Sleep mode or
POR, CPU start-up is invoked to allow the
CPU to become ready for code execution.
INTOSC/
INTOSC
Postscaler
125 kHz-8 MHz
4 ms (approx.) and
CPU Start-up(1)
INTRC/Sleep
EC, RC
DC – 20 MHz
INTRC
(31.25 kHz)
EC, RC
DC – 20 MHz
Sleep
LP, XT, HS 32.768 kHz-20 MHz
1024 Clock Cycles
(OST)
Following a change from INTRC, an OST
of 1024 cycles must occur.
INTRC
(31.25 kHz)
INTOSC/
INTOSC
Postscaler
125 kHz-8 MHz
4 ms (approx.)
Refer to Section 4.6.4 “Modifying the
IRCF Bits” for further details.
Note 1:
The 5-10
µs start-up delay is based on a 1 MHz system clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com