Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

16F87 Datasheet(PDF) 175 Page - Microchip Technology

Part # 16F87
Description  18/20/28-Pin Enhan lashMicrocontrollers with nanoWatt Technology
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F87 Datasheet(HTML) 175 Page - Microchip Technology

Back Button 16F87 Datasheet HTML 171Page - Microchip Technology 16F87 Datasheet HTML 172Page - Microchip Technology 16F87 Datasheet HTML 173Page - Microchip Technology 16F87 Datasheet HTML 174Page - Microchip Technology 16F87 Datasheet HTML 175Page - Microchip Technology 16F87 Datasheet HTML 176Page - Microchip Technology 16F87 Datasheet HTML 177Page - Microchip Technology 16F87 Datasheet HTML 178Page - Microchip Technology 16F87 Datasheet HTML 179Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 228 page
background image
 2005 Microchip Technology Inc.
DS30487C-page 173
PIC16F87/88
D022
(
∆IWDT)
Module Differential Currents (
∆IWDT, ∆IBOR, ∆ILVD, ∆IOSCB, ∆IAD)
Watchdog Timer
1.5
3.8
µA
-40°C
2.2
3.8
µA
+25°C
VDD = 2.0V
2.7
4.0
µA
+85°C
2.3
4.6
µA
-40°C
2.7
4.6
µA
+25°C
VDD = 3.0V
3.1
4.8
µA
+85°C
3.0
10.0
µA
-40°C
VDD = 5.0V
3.3
10.0
µA
+25°C
3.9
13.0
µA
+85°C
Extended devices
5.0
21.0
µA
+125°C
D022A
(
∆IBOR)
Brown-out Reset
40
60
µA-40°C to +85°CVDD = 5.0V
D025
(
∆IOSCB)
Timer1 Oscillator
1.7
2.3
µA
-40°C
32 kHz on Timer1
1.8
2.3
µA
+25°C
VDD = 2.0V
2.0
2.3
µA
+85°C
2.2
3.8
µA
-40°C
2.6
3.8
µA
+25°C
VDD = 3.0V
2.9
3.8
µA
+85°C
3.0
6.0
µA
-40°C
3.2
6.0
µA
+25°C
VDD = 5.0V
3.4
7.0
µA
+85°C
D026
(
∆IAD)
A/D Converter 0.001
2.0
µA-40°C to +85°CVDD = 2.0V
A/D on, Sleep, not converting
0.001
2.0
µA-40°C to +85°CVDD = 3.0V
0.003
2.0
µA-40°C to +85°C
VDD = 5.0V
Extended devices
4.0
8.0
µA-40°C to +125°C
18.2
DC Characteristics: Power-Down and Supply Current
PIC16F87/88 (Industrial, Extended)
PIC16LF87/88 (Industrial) (Continued)
PIC16LF87/88
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
PIC16F87/88
(Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Device
Typ
Max
Units
Conditions
Legend:
Shading of rows is to assist in readability of the table.
Note
1:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is measured with
the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD or VSS and all features that add delta
current disabled (such as WDT, Timer1 Oscillator, BOR, etc.).
2:
The supply current is mainly a function of operating voltage, frequency and mode. Other factors, such as I/O pin loading
and switching rate, oscillator type and circuit, internal code execution pattern and temperature, also have an impact on
the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tri-stated, pulled to VDD;
MCLR = VDD; WDT enabled/disabled as specified.
3:
For RC oscillator configurations, current through REXT is not included. The current through the resistor can be estimated
by the formula Ir = VDD/2REXT (mA) with REXT in k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com