Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

16F87 Datasheet(PDF) 182 Page - Microchip Technology

Part # 16F87
Description  18/20/28-Pin Enhan lashMicrocontrollers with nanoWatt Technology
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F87 Datasheet(HTML) 182 Page - Microchip Technology

Back Button 16F87 Datasheet HTML 178Page - Microchip Technology 16F87 Datasheet HTML 179Page - Microchip Technology 16F87 Datasheet HTML 180Page - Microchip Technology 16F87 Datasheet HTML 181Page - Microchip Technology 16F87 Datasheet HTML 182Page - Microchip Technology 16F87 Datasheet HTML 183Page - Microchip Technology 16F87 Datasheet HTML 184Page - Microchip Technology 16F87 Datasheet HTML 185Page - Microchip Technology 16F87 Datasheet HTML 186Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 228 page
background image
PIC16F87/88
DS30487C-page 180
 2005 Microchip Technology Inc.
FIGURE 18-5:
CLKO AND I/O TIMING
TABLE 18-4:
CLKO AND I/O TIMING REQUIREMENTS
Note: Refer to Figure 18-3 for load conditions.
OSC1
CLKO
I/O Pin
(Input)
I/O Pin
(Output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
19
18
15
11
12
16
Old Value
New Value
Param
No.
Symbol
Characteristic
Min
Typ†
Max
Units Conditions
10*
TosH2ckL
OSC1
↑ to CLKO ↓
—
75
200
ns
(Note 1)
11*
TosH2ckH
OSC1
↑ to CLKO ↑
—
75
200
ns
(Note 1)
12*
TckR
CLKO Rise Time
—
35
100
ns
(Note 1)
13*
TckF
CLKO Fall Time
—
35
100
ns
(Note 1)
14*
TckL2ioV
CLKO
↓ to Port Out Valid
—
—
0.5 TCY + 20
ns
(Note 1)
15*
TioV2ckH
Port In Valid before CLKO
↑
TOSC + 200
—
—
ns
(Note 1)
16*
TckH2ioI
Port In Hold after CLKO
↑
0—
—
ns
(Note 1)
17*
TosH2ioV
OSC1
↑ (Q1 cycle) to Port Out Valid
—
100
255
ns
18*
TosH2ioI
OSC1
↑ (Q2 cycle) to
Port Input Invalid (I/O in
hold time)
PIC16F87/88
100
—
—
ns
PIC16LF87/88
200
—
—
ns
19*
TioV2osH
Port Input Valid to OSC1
↑ (I/O in setup time)
0
—
—
ns
20*
TIOR
Port Output Rise Time
PIC16F87/88
—
10
40
ns
PIC16LF87/88
—
—
145
ns
21*
TIOF
Port Output Fall Time
PIC16F87/88
—
10
40
ns
PIC16LF87/88
—
—
145
ns
22††*
TINP
INT Pin High or Low Time
TCY
——
ns
23††*
TRBP
RB7:RB4 Change INT High or Low Time
TCY
——
ns
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
††
These parameters are asynchronous events not related to any internal clock edges.
Note
1:
Measurements are taken in RC mode where CLKO output is 4 x TOSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com