Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F819 Datasheet(PDF) 8 Page - Microchip Technology

Part # PIC16F819
Description  18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F819 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PIC16F819 Datasheet HTML 4Page - Microchip Technology PIC16F819 Datasheet HTML 5Page - Microchip Technology PIC16F819 Datasheet HTML 6Page - Microchip Technology PIC16F819 Datasheet HTML 7Page - Microchip Technology PIC16F819 Datasheet HTML 8Page - Microchip Technology PIC16F819 Datasheet HTML 9Page - Microchip Technology PIC16F819 Datasheet HTML 10Page - Microchip Technology PIC16F819 Datasheet HTML 11Page - Microchip Technology PIC16F819 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 176 page
background image
PIC16F818/819
DS39598E-page 6
 2004 Microchip Technology Inc.
FIGURE 1-1:
PIC16F818/819 BLOCK DIAGRAM
Flash
Memory
1K/2K x 14
13
Data Bus
8
14
Program
Bus
Instruction reg
Program Counter
8-Level Stack
(13-bit)
RAM
File
Registers
128/256 x 8
Direct Addr
7
RAM Addr(1)
9
Addr MUX
Indirect
Addr
FSR reg
Status reg
MUX
ALU
W reg
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
Instruction
Decode &
Control
Timing
Generation
RA7/OSC1/CLKI
RA6/OSC2/CLKO
MCLR
VDD, VSS
Timer0
10-bit, 5-channel
Synchronous
Serial Port
PORTA
8
8
Brown-out
Reset
Note 1:
Higher order bits are from the Status register.
CCP1
Timer1
Timer2
RA5/MCLR/VPP
RA6/OSC2/CLKO
RA4/AN4/T0CKI
RA3/AN3/VREF+
RA2/AN2/VREF-
RA1/AN1
8
3
Program
PORTB
RB0/INT
RB1/SDI/SDA
RB2/SDO/CCP1
RB3/CCP1/PGM
RB4/SCK/SCL
RB5/SS
RB6/T1OSO/T1CKI/PGC
RB7/T1OSI/PGD
RA7/OSC1/CLKI
RA0/AN0
128/256 Bytes
Data EE
A/D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com