Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10F322T-EMCSQTP Datasheet(PDF) 23 Page - Microchip Technology

Part # PIC10F322T-EMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F322T-EMCSQTP Datasheet(HTML) 23 Page - Microchip Technology

Back Button PIC10F322T-EMCSQTP Datasheet HTML 19Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 20Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 21Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 22Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 23Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 24Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 25Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 26Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 210 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41585A-page 23
PIC10(L)F320/322
bit 4-3
WDTE<1:0>:
Watchdog Timer Enable bit
11
= WDT enabled
10
= WDT enabled while running and disabled in Sleep
01
= WDT controlled by the SWDTEN bit in the WDTCON register
00
= WDT disabled
bit 2-1
BOREN<1:0>:
Brown-out Reset Enable bits
11
= Brown-out Reset enabled; SBOREN bit is ignored
10
= Brown-out Reset enabled while running, disabled in Sleep; SBOREN bit is ignored
01
= Brown-out Reset controlled by the SBOREN bit in the BORCON register
00
= Brown-out Reset disabled; SBOREN bit is ignored
bit 0
FOSC:
Oscillator Selection bit
1
= EC on CLKIN pin
0
= INTOSC oscillator I/O function available on CLKIN pin
REGISTER 3-1:
CONFIG: CONFIGURATION WORD (CONTINUED)
Note 1:
Enabling Brown-out Reset does not automatically enable Power-up Timer.
2:
Once enabled, code-protect can only be disabled by bulk erasing the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com