Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10F322T-EMCSQTP Datasheet(PDF) 133 Page - Microchip Technology

Part # PIC10F322T-EMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F322T-EMCSQTP Datasheet(HTML) 133 Page - Microchip Technology

Back Button PIC10F322T-EMCSQTP Datasheet HTML 129Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 130Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 131Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 132Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 133Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 134Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 135Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 136Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 137Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 210 page
background image
FIGURE 20-2:
FDC OUTPUT MODE OPERATION DIAGRAM
Clock
Source
NCOx
Increment
Value
NCOx
Value
Accumulator
0000h
4000h
FC000h
0000h
4000h
8000h
0000h
4000h
8000h
C000h
4000h
1 0000h
Overflow
Event
Interrupt
NCOx
Output
FDC Mode
NCOx
Output
PF Mode
NCOxPWS = 000
NCOx
Output
NCOxPWS = 001
PF Mode
FC000h
8000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com