Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10F322T-EMCSQTP Datasheet(PDF) 150 Page - Microchip Technology

Part # PIC10F322T-EMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F322T-EMCSQTP Datasheet(HTML) 150 Page - Microchip Technology

Back Button PIC10F322T-EMCSQTP Datasheet HTML 146Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 147Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 148Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 149Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 150Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 151Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 152Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 153Page - Microchip Technology PIC10F322T-EMCSQTP Datasheet HTML 154Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 210 page
background image
PIC10(L)F320/322
DS41585A-page 150
Preliminary
 2011 Microchip Technology Inc.
REGISTER 21-2:
CWGxCON1: CWG CONTROL REGISTER 1
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
U-0
U-0
R/W-0/0
R/W-0/0
GxASDLB<1:0>
GxASDLA<1:0>
—
—
GxIS<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
q = Value depends on condition
bit 7-6
GxASDLB<1:0>:
CWGx Shutdown State for CWGxB
When an auto shutdown event is present (GxASE = 1):
11
= CWGxB pin is driven to ‘1’, regardless of the setting of the GxPOLB bit.
10
= CWGxB pin is driven to ‘0’, regardless of the setting of the GxPOLB bit.
01
= CWGxB pin is tri-stated
00
= CWGxB pin is driven to its inactive state after the selected dead-band interval. GxPOLB still will
control the polarity of the output.
bit 5-4
GxASDLA<1:0>:
CWGx Shutdown State for CWGxA
When an auto shutdown event is present (GxASE = 1):
00
= CWGxA pin is driven to its inactive state after the selected dead-band interval. GxPOLA still will
control the polarity of the output.
01
= CWGxA pin is tri-stated
10
= CWGxA pin is driven to ‘0’, regardless of the setting of the GxPOLA bit.
11
= CWGxA pin is driven to ‘1’, regardless of the setting of the GxPOLA bit.
bit 3-2
Unimplemented:
Read as ‘0’
bit 1-0
GxIS<1:0>:
CWGx Dead-band Source Select bits
11
=LC1OUT
10
=N1OUT
01
=PWM2OUT
00
=PWM1OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com