Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10LF322T-IPQTP Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC10LF322T-IPQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF322T-IPQTP Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC10LF322T-IPQTP Datasheet HTML 9Page - Microchip Technology PIC10LF322T-IPQTP Datasheet HTML 10Page - Microchip Technology PIC10LF322T-IPQTP Datasheet HTML 11Page - Microchip Technology PIC10LF322T-IPQTP Datasheet HTML 12Page - Microchip Technology PIC10LF322T-IPQTP Datasheet HTML 13Page - Microchip Technology PIC10LF322T-IPQTP Datasheet HTML 14Page - Microchip Technology PIC10LF322T-IPQTP Datasheet HTML 15Page - Microchip Technology PIC10LF322T-IPQTP Datasheet HTML 16Page - Microchip Technology PIC10LF322T-IPQTP Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 210 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41585A-page 13
PIC10(L)F320/322
2.2
Data Memory Organization
The data memory is in one bank, which contains the
General Purpose Registers (GPR) and the Special
Function Registers (SFR). The RP<1:0> bits of the
STATUS register are the bank select bits.
RP1 RP0
00
 Bank 0 is selected
The bank extends up to 7Fh (128 bytes). The lower
locations of the bank are reserved for the Special Func-
tion Registers. Above the Special Function Registers
are the General Purpose Registers, implemented as
Static RAM.
2.2.1
GENERAL PURPOSE REGISTER
FILE
The register file is organized as 64 x 8 in the
PIC10(L)F320/322. Each register is accessed, either
directly or indirectly, through the File Select Register
(FSR) (see Section 2.4 “Indirect Addressing, INDF
and FSR Registers”
).
2.2.2
SPECIAL FUNCTION REGISTERS
The Special Function Registers are registers used by
the CPU and peripheral functions for controlling the
desired operation of the device (see Table 2-3). These
registers are static RAM.
The special registers can be classified into two sets:
core and peripheral. The Special Function Registers
associated with the “core” are described in this section.
Those related to the operation of the peripheral features
are described in the section of that peripheral feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com