Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC10LF322T-EMCSQTP Datasheet(PDF) 62 Page - Microchip Technology

Part # PIC10LF322T-EMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF322T-EMCSQTP Datasheet(HTML) 62 Page - Microchip Technology

Back Button PIC10LF322T-EMCSQTP Datasheet HTML 58Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 59Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 60Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 61Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 62Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 63Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 64Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 65Page - Microchip Technology PIC10LF322T-EMCSQTP Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 210 page
background image
PIC10(L)F320/322
DS41585A-page 62
Preliminary
 2011 Microchip Technology Inc.
EXAMPLE 9-2:
ERASING ONE ROW OF PROGRAM MEMORY
; This row erase routine assumes the following:
; 1. A valid address within the erase row is loaded in ADDRH:ADDRL
; 2. ADDRH and ADDRL are located in shared data memory 0x70 - 0x7F (common RAM)
BCF
INTCON,GIE
; Disable ints so required sequences will execute properly
BANKSEL
PMADRL
; not required on devices with 1 Bank of SFRs
MOVF
ADDRL,W
; Load lower 8 bits of erase address boundary
MOVWF
PMADRL
MOVF
ADDRH,W
; Load upper 6 bits of erase address boundary
MOVWF
PMADRH
BCF
PMCON1,CFGS
; Not configuration space
BSF
PMCON1,FREE
; Specify an erase operation
BSF
PMCON1,WREN
; Enable writes
MOVLW
55h
; Start of required sequence to initiate erase
MOVWF
PMCON2
; Write 55h
MOVLW
0AAh
;
MOVWF
PMCON2
; Write AAh
BSF
PMCON1,WR
; Set WR bit to begin erase
NOP
; NOP instructions are forced as processor starts
NOP
; row erase of program memory.
;
; The processor stalls until the erase process is complete
; after erase processor continues with 3rd instruction
BCF
PMCON1,WREN
; Disable writes
BSF
INTCON,GIE
; Enable interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com