Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC244APW Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC244APW
Description  Octal buffer/line driver; 3-state
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC244APW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC244APW Datasheet HTML 3Page - NXP Semiconductors 74LVC244APW Datasheet HTML 4Page - NXP Semiconductors 74LVC244APW Datasheet HTML 5Page - NXP Semiconductors 74LVC244APW Datasheet HTML 6Page - NXP Semiconductors 74LVC244APW Datasheet HTML 7Page - NXP Semiconductors 74LVC244APW Datasheet HTML 8Page - NXP Semiconductors 74LVC244APW Datasheet HTML 9Page - NXP Semiconductors 74LVC244APW Datasheet HTML 10Page - NXP Semiconductors 74LVC244APW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
74LVC_LVCH244A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 8 — 26 June 2013
7 of 19
NXP Semiconductors
74LVC244A; 74LVCH244A
Octal buffer/line driver; 3-state
[1]
All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb =25 C.
[2]
The bus hold circuit is switched off when VI >VCC allowing 5.5 V on the input terminal.
[3]
Valid for data inputs of bus hold parts only (74LVCH244A). Note that control inputs do not have a bus hold circuit.
[4]
The specified sustaining current at the data input holds the input below the specified VI level.
[5]
The specified overdrive current at the data input forces the data input to the opposite input state.
II
input
leakage
current
VI = 5.5 V or GND;
VCC =3.6 V
[2]
-
0.1
5-
20
A
IOZ
OFF-state
output
current
VI =VIH or VIL;
VO = 5.5 V or GND;
VCC =3.6 V
[2]
-
0.1
5-
20
A
IOFF
power-off
leakage
current
VI or VO =5.5 V; VCC = 0.0 V
-
0.1
10
-
20
A
ICC
supply
current
VI =VCC or GND; IO =0A;
VCC =3.6 V
-0.1
10
-
40
A
I
CC
additional
supply
current
per input pin;
VI =VCC  0.6 V; IO =0A;
VCC = 2.7 V to 3.6 V
-
5
500
-
5000
A
CI
input
capacitance
-4.0
-
-
-
pF
IBHL
bus hold
LOW current
VCC = 1.65 V; VI = 0.58 V
[3][4]
10
-
-
10
-
A
VCC = 2.3 V; VI = 0.7 V
30
-
-
25
-
A
VCC = 3.0 V; VI = 0.8 V
75
-
-
60
-
A
IBHH
bus hold
HIGH
current
VCC = 1.65 V; VI = 1.07 V
[3][4]
10
-
-
10
-
A
VCC = 2.3 V; VI = 1.7 V
30
-
-
25
-
A
VCC = 3.0 V; VI = 2.0 V
75
-
-
60
-
A
IBHLO
bus hold
LOW
overdrive
current
VCC = 1.95 V
[3][5]
200
-
-
200
-
A
VCC = 2.7 V
300
-
-
300
-
A
VCC = 3.6 V
500
-
-
500
-
A
IBHHO
bus hold
HIGH
overdrive
current
VCC = 1.95 V
[3][5]
200
-
-
200
-
A
VCC = 2.7 V
300
-
-
300
-
A
VCC = 3.6 V
500
-
-
500
-
A
Table 6.
Static characteristics …continued
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com