Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP4651ES Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4651ES
Description  Off Line LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4651ES Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4651ES Datasheet HTML 1Page - Monolithic Power Systems MP4651ES Datasheet HTML 2Page - Monolithic Power Systems MP4651ES Datasheet HTML 3Page - Monolithic Power Systems MP4651ES Datasheet HTML 4Page - Monolithic Power Systems MP4651ES Datasheet HTML 5Page - Monolithic Power Systems MP4651ES Datasheet HTML 6Page - Monolithic Power Systems MP4651ES Datasheet HTML 7Page - Monolithic Power Systems MP4651ES Datasheet HTML 8Page - Monolithic Power Systems MP4651ES Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP4651
Off Line LED Driver
MP4651 Rev.1.0
www.MonolithicPower.com
1
1/13/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4651 is a high performance off-line LED
driver designed for powering the LEDs especially
for high power isolated application.
The MP4651 utilizes fixed operating frequency
PWM control. It outputs two 180 degree phase
shifted driving signals for various external
power stages. Its enhanced 9V gate driver
provides adequate driving capability for the
external MOSFETs and directly drives the
external gate driving transformer.
The MP4651 implements fast and high contrast
ratio PWM dimming to the LEDs. PWM
dimming is controlled with either an external DC
voltage or PWM signal. The burst dimming
frequency can be synchronized to an external
synchronizing signal.
The Built-in fault management features include
open LED protection, short LED protection, over
voltage
protection,
and
over
temperature
protection. The protection interface is flexible for
various setups and is easy to use. MP4651
integrates a delay timer to recover the system.
The MP4651 is available in a 16-pin SOIC
package.
FEATURES
• 9V Enhanced Gate Driver
• Programmable Fixed Operating Frequency
• Input Voltage Range from 9V to 30V
• DC or PWM Input Dimming Control
• Burst Dimming Frequency Synchronization
• Smart Fault Protection Interface
• Built-in Fault Management
• Built-in Delay Timer for System Recovery
• Available in a SOIC16 Package
APPLICATIONS
• LCD TV and LCD Monitor
• Flat Panel Video Displays
• LED Lighting Applications
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
The MP4651 is covered by US Patents 6,683,422, 6,316,881, and
6,114,814. Other Patents Pending.


Similar Part No. - MP4651ES

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4652 MPS-MP4652 Datasheet
579Kb / 19P
HIGH PERFORMANCE OFF-LINE TV LED DRIVER
MP4652ES MPS-MP4652ES Datasheet
579Kb / 19P
HIGH PERFORMANCE OFF-LINE TV LED DRIVER
MP4653 MPS-MP4653 Datasheet
656Kb / 25P
Real LIPS CC/CV Mode LLC TV LED Driver
MP4653GY MPS-MP4653GY Datasheet
656Kb / 25P
Real LIPS CC/CV Mode LLC TV LED Driver
MP4655 MPS-MP4655 Datasheet
769Kb / 31P
Pure, Single-Stage, LLC, LED Current and System Voltage Controller
More results

Similar Description - MP4651ES

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
MXHV9910 CLARE-MXHV9910 Datasheet
604Kb / 11P
Off-Line, High Brightness LED Driver
logo
STMicroelectronics
HVLED805 STMICROELECTRONICS-HVLED805 Datasheet
456Kb / 29P
Off-line LED driver with primary-sensing
14-Oct-2010
logo
IXYS Corporation
CPC9909 IXYS-CPC9909 Datasheet
1Mb / 12P
High Effciency,Off-line, High Brightness LED Driver
logo
Monolithic Power System...
MP4652 MPS-MP4652 Datasheet
579Kb / 19P
HIGH PERFORMANCE OFF-LINE TV LED DRIVER
logo
Sanken electric
LC5202D SANKEN-LC5202D Datasheet
297Kb / 16P
Off-Line LED Driver ICs
LC5222D SANKEN-LC5222D Datasheet
271Kb / 11P
Off-Line DC / DC LED Driver ICs
LC5223D SANKEN-LC5223D Datasheet
260Kb / 10P
Off-Line DC / DC LED Driver ICs
logo
Supertex, Inc
HV9921DB1 SUTEX-HV9921DB1 Datasheet
343Kb / 2P
Universal Off-line LED Driver Demoboard
logo
Dialog Semiconductor
IW3625 DIALOG-IW3625 Datasheet
407Kb / 5P
Off-Line Digital Power Controller for LED Driver
logo
IXYS Corporation
MXHV9910 IXYS-MXHV9910 Datasheet
348Kb / 12P
Off-Line, High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com