Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP4690GSD Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP4690GSD
Description  Smart Bypass For LED Open Protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4690GSD Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP4690GSD Datasheet HTML 1Page - Monolithic Power Systems MP4690GSD Datasheet HTML 2Page - Monolithic Power Systems MP4690GSD Datasheet HTML 3Page - Monolithic Power Systems MP4690GSD Datasheet HTML 4Page - Monolithic Power Systems MP4690GSD Datasheet HTML 5Page - Monolithic Power Systems MP4690GSD Datasheet HTML 6Page - Monolithic Power Systems MP4690GSD Datasheet HTML 7Page - Monolithic Power Systems MP4690GSD Datasheet HTML 8Page - Monolithic Power Systems MP4690GSD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MP4690 – SMART BYPASS FOR LED OPEN PROTECTION
MP4690 Rev. 1.0
www.MonolithicPower.com
3
7/7/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
TA= +25C, unless otherwise noted.
Specifications over temperature are guaranteed by design and characterization.
Parameter
Symbol Condition
Min
Typ
Max
Units
Off-state Current
ILEAK
VDS =3.5V
1
µA
Protection Clamp Voltage
VCL
ICL=350mA
7
V
Protection Threshold
VTHP
6
V
On Resistance
(5)
RDS(ON) IDS=350mA
0.22
Ω
Protection Delay
TD
IDS=350mA
120
ns
Hiccup frequency
FH
IDS=350mA
25
kHz
ESD Withstand Voltage
(5)
VESD
HBM
±8
kV
Note:
5) Guaranteed by design.
PIN FUNCTIONS
Pin #
Name
Description
1
Drain
Drain of the MOSFET. Connect it to anode of LED.
2
Source Source of the MOSFET, Connect it to cathode of LED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com