Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS191-73 Datasheet(PDF) 1 Page - Alpha Industries

Part # AS191-73
Description  PHEMT GaAs IC High Linearity 3 V Control SPDT Switch 0.1-2 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AS191-73 Datasheet(HTML) 1 Page - Alpha Industries

  AS191-73 Datasheet HTML 1Page - Alpha Industries AS191-73 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 8/00A
PHEMT GaAs IC High Linearity 3 V
Control SPDT Switch 0.1–2 GHz
Features
s +2.5 to +5 V Linear Operation
s Harmonics H2, H3 > 65 dBc @
PIN = 34.5 dBm
s Low Insertion Loss (0.5 dB @ 0.9 GHz)
s High Isolation (27 dB @ 0.9 GHz)
s Ultra Miniature SOT-6 Package
s PHEMT Process
SOT-6
AS191-73
0.074
(1.90 mm REF.)
0.071 (1.80 mm)
0.052 (1.30 mm)
0.037 (0.95 mm) REF.
0.122 (3.10 mm)
0.106 (2.70 mm)
0.006
(0.15 mm)
0.000
(0.00 mm)
0.057 (1.45 mm)
0.035 (0.90 mm)
0.020 (0.51 mm)
0.014 (0.350 mm)
0.126 (3.20 mm)
0.087 (2.20 mm)
PIN 6
PIN 1
PIN 1
INDICATOR
0.022 (0.61 mm)
0.004 (0.10 mm)
0.014
(0.26 mm)
0.004
(0.10 mm)
0.012
(0.30 mm)
TYP.
5.0˚ ± 1˚
5.0˚ ± 1˚
Description
The AS191-73 is a PHEMT GaAs FET IC high linearity
SPDT switch in a SOT-6 plastic package. This switch has
been designed for use where extremely high linearity, low
control voltage, high isolation, low insertion loss and ultra
miniature package size are required. It can be controlled
with positive, negative or a combination of both voltages.
Some standard implementations include antenna
changeover, T/R and diversity switching over 3 W. The
Parameter1
Frequency
Min.
Typ.
Max.
Unit
Insertion Loss2
0.1–0.5 GHz
0.45
0.60
dB
0.5–1.0 GHz
0.50
0.60
dB
1.0–2.0 GHz
0.55
0.70
dB
Isolation
0.1–0.5 GHz
31
33
dB
0.5–1.0 GHz
25
27
dB
1.0–2.0 GHz
19
21
dB
VSWR3
0.1–1.0 GHz
1.2:1
dB
1.0–2.0 GHz
1.3:1
dB
Electrical Specifications at 25°C (0, +3 V)
Parameter
Condition
Frequency
Min.
Typ.
Max.
Unit
Switching Characteristics4
Rise, Fall (10/90% or 90/10% RF)
60
ns
On, Off (50% CTL to 90/10% RF)
100
ns
Video Feedthru
50
mV
Input Power for -0.1 dB Compression
0/+3 V
0.9 GHz
+35
dBm
Harmonics H2, H3
PIN = 34.5 dBm
0.9 GHz
+65
dBc
Control Voltages
VLow = 0 to 0.2 V @ 20 µA Max.
VHigh = +2.5 V @ 100 µA Max. to +5 V @ 200 µA Max.
Operating Characteristics at 25°C (0, +3 V)
1. All measurements made in a 50
Ω system, unless otherwise specified.
2. Insertion loss changes by 0.003 dB/°C.
3. Insertion loss state.
4. Video feedthru measured with 1 ns risetime pulse and 500 MHz bandwidth.
AS191-73 switch can be used in many analog and digital
wireless communication systems including cellular, GSM
and DECT applications.


Similar Part No. - AS191-73

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS191-73 SKYWORKS-AS191-73 Datasheet
208Kb / 4P
PHEMT GaAs IC High-Linearity 3 V Control SPDT Switch 0.1-4 GHz
AS191-73LF SKYWORKS-AS191-73LF Datasheet
208Kb / 4P
PHEMT GaAs IC High-Linearity 3 V Control SPDT Switch 0.1-4 GHz
More results

Similar Description - AS191-73

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS190-73 ALPHA-AS190-73 Datasheet
43Kb / 2P
PHEMT GaAs IC High Linearity 3 V Control SPDT Switch 0.1-2 GHz
AS193-73 ALPHA-AS193-73 Datasheet
27Kb / 2P
PHEMT GaAs IC High Linearity 3 V Control SPDT Switch 0.1-2.5 GHz
logo
Skyworks Solutions Inc.
AS213-92 SKYWORKS-AS213-92 Datasheet
62Kb / 2P
PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS217-000 SKYWORKS-AS217-000 Datasheet
465Kb / 3P
PHEMT GaAs IC High Linearity 3 V T/R SPDT Switch 0.1-2.5 GHz
AS222-92 SKYWORKS-AS222-92_07 Datasheet
182Kb / 4P
PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS217-000 SKYWORKS-AS217-000_06 Datasheet
211Kb / 5P
PHEMT GaAs IC High-Linearity 3 V T/R SPDT Switch 0.1-2.5 GHz
AS193-000 SKYWORKS-AS193-000 Datasheet
196Kb / 4P
PHEMT GaAs IC High-Linearity 3 V Control SPDT 0.1-2.5 GHz Switch Chip
AS191-73 SKYWORKS-AS191-73 Datasheet
208Kb / 4P
PHEMT GaAs IC High-Linearity 3 V Control SPDT Switch 0.1-4 GHz
AS193-73 SKYWORKS-AS193-73 Datasheet
246Kb / 4P
PHEMT GaAs IC High-Linearity 3 V Control SPDT Switch 0.1-2.5 GHz
AS214-92 SKYWORKS-AS214-92_06 Datasheet
179Kb / 4P
PHEMT GaAs IC SPDT Switch 0.1-3 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com