Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP9115 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP9115
Description  2.7-6V Input, 2.5A,1.2MHz Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9115 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP9115 Datasheet HTML 1Page - Monolithic Power Systems MP9115 Datasheet HTML 2Page - Monolithic Power Systems MP9115 Datasheet HTML 3Page - Monolithic Power Systems MP9115 Datasheet HTML 4Page - Monolithic Power Systems MP9115 Datasheet HTML 5Page - Monolithic Power Systems MP9115 Datasheet HTML 6Page - Monolithic Power Systems MP9115 Datasheet HTML 7Page - Monolithic Power Systems MP9115 Datasheet HTML 8Page - Monolithic Power Systems MP9115 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP9115
2.7-6V Input, 2.5A,1.2MHz
Synchronous Step-Down Converter
MP9115 Rev. 0.92
www.MonolithicPower.com
1
1/14/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP9115 is a fully integrated, internally
compensated 1.2MHz fixed frequency PWM
step-down converter. It is ideal for powering
portable equipment that runs from a single cell
Lithium-Ion (Li+) Battery, with an input range
from 2.7V to 6V. The MP9115 can provide up to
2.5A of load current with output voltage as low
as 0.8V. It can also operate at 100% duty cycle
for low dropout applications.
With peak current mode control and internal
compensation, the MP9115 is stable with
ceramic capacitors and small inductors. Fault
condition protection includes cycle-by-cycle
current limiting and thermal shutdown.
MP9115 is available in the small 10-pin
3mmx3mm TQFN package.
FEATURES
• Output Adjustable from 0.8V to VIN
• Up to 91% Efficiency
• 100% Duty Cycle for Low Dropout
Applications
• 1μA Shutdown Current
• 1.2MHz Fixed Switching Frequency
• 2.7V-6V Input Operation Range
• 3A Peak Output Current
• Stable with Low ESR Output Ceramic
Capacitors
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Short circuit protection
• No reverse current of LS MOS for Pre-bias
start up
• Available in 10-pin 3x3mm TQFN
APPLICATIONS
• Smart Phones
• PDA’s
• DVD+/-RW Drives
• Digital Cameras
• Portable Instruments
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
C
Cf
22pF
2
22
SHDN
L1
2.2uH
1.2
C1
R2
MP9115
SHDN
GND
LX
LX
N/C
N/C
FB
VIN
N/C
PVIN
1
2
3
4
5
10
9
8
7
6
Efficiency
VOUT=1.2V
LOAD CURRENT (A)
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
VIN=3V
VIN=5V


Similar Part No. - MP9115

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP9100 ETC1-MP9100 Datasheet
34Kb / 1P
TO-247 Kool-Pak Power Film Resistor
logo
Caddock Electronics, In...
MP9100 CADDOCK-MP9100 Datasheet
249Kb / 2P
Power Film Resistors TO-126, TO-220 and TO-247 Style
MP9100 CADDOCK-MP9100 Datasheet
532Kb / 2P
Power Film Resistors TO-126, TO-220 and TO-247 Style
MP9100 CADDOCK-MP9100 Datasheet
532Kb / 2P
MP900 and MP9000 Series Kool-Pak짰 Power Film Resistors TO-126, TO-220 and TO-247 Style
logo
List of Unclassifed Man...
MP9100-0.050-1 ETC1-MP9100-0.050-1 Datasheet
34Kb / 1P
TO-247 Kool-Pak Power Film Resistor
More results

Similar Description - MP9115

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2109DQ-00A MPS-EV2109DQ-00A Datasheet
217Kb / 4P
Dual 800mA, 6V, 1.2MHz Synchronous Step-Down Converter Evaluation Board
logo
Richtek Technology Corp...
RT2652 RICHTEK-RT2652 Datasheet
205Kb / 12P
2A, 1.2MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2012 MPS-MP2012 Datasheet
328Kb / 10P
Low Voltage, 2.7-6V Input,1.5A, 1.2MHz Synchronous Step-Down Converter
MP2127 MPS-MP2127 Datasheet
255Kb / 11P
2.7-6V Input, 2A, 1.2MHz Synchronous Step-Down Converter
logo
SHOUDING Shouding Semic...
SD8916A SHOUDING-SD8916A Datasheet
475Kb / 8P
800mA,2-6V Input,1.5MHz Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM3412 HMSEMI-HM3412 Datasheet
2Mb / 10P
6V 6.0A 1.2MHz Synchronous Step-Down Regulator
logo
List of Unclassifed Man...
APS2415 ETC-APS2415 Datasheet
545Kb / 8P
1.2MHz, 1.5A Synchronous Step-Down Converter
V0.0
logo
Richtek Technology Corp...
RT5753A RICHTEK-RT5753A Datasheet
972Kb / 28P
3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2
May 2022
logo
List of Unclassifed Man...
MT3410L ETC-MT3410L Datasheet
342Kb / 8P
1.3A,2.3V-6V Input,1.5MHz Synchronous Step-Down Converter
Rev1.0
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com