Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AGLP125V2-CS281I Datasheet(PDF) 21 Page - Microsemi Corporation

Part # AGLP125V2-CS281I
Description  IGLOO PLUS Low Power Flash FPGAs
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AGLP125V2-CS281I Datasheet(HTML) 21 Page - Microsemi Corporation

Back Button AGLP125V2-CS281I Datasheet HTML 17Page - Microsemi Corporation AGLP125V2-CS281I Datasheet HTML 18Page - Microsemi Corporation AGLP125V2-CS281I Datasheet HTML 19Page - Microsemi Corporation AGLP125V2-CS281I Datasheet HTML 20Page - Microsemi Corporation AGLP125V2-CS281I Datasheet HTML 21Page - Microsemi Corporation AGLP125V2-CS281I Datasheet HTML 22Page - Microsemi Corporation AGLP125V2-CS281I Datasheet HTML 23Page - Microsemi Corporation AGLP125V2-CS281I Datasheet HTML 24Page - Microsemi Corporation AGLP125V2-CS281I Datasheet HTML 25Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 134 page
background image
IGLOO PLUS Low Power Flash FPGAs
Revision 16
2-7
Calculating Power Dissipation
Quiescent Supply Current
Quiescent supply current (IDD) calculation depends on multiple factors, including operating voltages
(VCC, VCCI, and VJTAG), operating temperature, system clock frequency, and power mode usage.
Microsemi recommends using the Power Calculator and SmartPower software estimation tools to
evaluate the projected static and active power based on the user design, power mode usage, operating
voltage, and temperature.
Table 2-7 • Temperature and Voltage Derating Factors for Timing Delays (normalized to TJ = 70°C,
VCC = 1.14 V)
For IGLOO PLUS V2, 1.2 V DC Core Supply Voltage
Array Voltage
VCC (V)
Junction Temperature (°C)
–40°C
0°C
25°C
70°C
85°C
100°C
1.14
0.963
0.975
0.989
1.000
1.007
1.011
1.2
0.853
0.865
.0877
0.893
0.893
0.897
1.26
0.781
0.792
0.803
0.813
0.819
0.822
Table 2-8 • Power Supply State per Mode
Modes/Power Supplies
Power Supply Configurations
VCC
VCCPLL
VCCI
VJTAG
VPUMP
Flash*Freeze
On
On
On
On
On/off/floating
Sleep
Off
Off
On
Off
Off
Shutdown
Off
Off
Off
Off
Off
No Flash*Freeze
On
On
On
On
On/off/floating
Note: Off: Power Supply level = 0 V
Table 2-9 • Quiescent Supply Current (IDD) Characteristics, IGLOO PLUS Flash*Freeze Mode*
Core Voltage
AGLP030
AGLP060
AGLP125
Units
Typical (25°C)
1.2 V
4
8
13
µA
1.5 V
6
10
18
µA
Note: *IDD includes VCC, VPUMP, VCCI, VJTAG, and VCCPLL currents.
Table 2-10 • Quiescent Supply Current (IDD) Characteristics, IGLOO PLUS Sleep Mode*
ICCI Current
Core Voltage
AGLP030 AGLP060 AGLP125
Units
VCCI = 1.2 V (per bank) Typical (25°C)
1.2 V
1.7
1.7
1.7
µA
VCCI = 1.5 V (per bank) Typical (25°C)
1.2 V / 1.5 V
1.8
1.8
1.8
µA
VCCI = 1.8 V (per bank) Typical (25°C)
1.2 V / 1.5 V
1.9
1.9
1.9
µA
VCCI = 2.5 V (per bank) Typical (25°C)
1.2 V / 1.5 V
2.2
2.2
2.2
µA
VCCI = 3.3 V (per bank) Typical (25°C)
1.2 V / 1.5 V
2.5
2.5
2.5
µA
Note: *IDD = NBANKS * ICCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com