Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APA450 Datasheet(PDF) 68 Page - Microsemi Corporation

Part # APA450
Description  ProASICPLUS Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA450 Datasheet(HTML) 68 Page - Microsemi Corporation

Back Button APA450 Datasheet HTML 64Page - Microsemi Corporation APA450 Datasheet HTML 65Page - Microsemi Corporation APA450 Datasheet HTML 66Page - Microsemi Corporation APA450 Datasheet HTML 67Page - Microsemi Corporation APA450 Datasheet HTML 68Page - Microsemi Corporation APA450 Datasheet HTML 69Page - Microsemi Corporation APA450 Datasheet HTML 70Page - Microsemi Corporation APA450 Datasheet HTML 71Page - Microsemi Corporation APA450 Datasheet HTML 72Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 178 page
background image
ProASICPLUS Flash Family FPGAs
2- 58
v5.9
Asynchronous SRAM Read, Address Controlled, RDB=0
Asynchronous SRAM Read, RDB Controlled
Note: The plot shows the normal operation status.
Figure 2-31 • Asynchronous SRAM Read, Address Controlled, RDB = 0
Table 2-55 • TJ = 0°C to 110°C; VDD = 2.3 V to 2.7 V for Commercial/Industrial
TJ = –55°C to 150°C, VDD = 2.3 V to 2.7 V for Military/MIL-STD-883B
Symbol txxx
Description
Min.
Max.
Units
Notes
ACYC
Read cycle time
7.5
ns
OAA
New DO access from RADDR stable
7.5
ns
OAH
Old DO hold from RADDR stable
3.0
ns
RPAA
New RPE access from RADDR stable
10.0
ns
RPAH
Old RPE hold from RADDR stable
3.0
ns
Note: The plot shows the normal operation status.
Figure 2-32 • Asynchronous SRAM Read, RDB Controlled
RPE
DO
RADDR
tOAH
tRPAH
tOAA
tRPAA
tACYC
RB=(RDB+RBLKB)
RPE
DO
tORDH
tORDA
tRPRDA
tRDML
tRDCYC
tRDMH
tRPRDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com