Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APA600 Datasheet(PDF) 47 Page - Microsemi Corporation

Part # APA600
Description  ProASICPLUS Flash Family FPGAs
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA600 Datasheet(HTML) 47 Page - Microsemi Corporation

Back Button APA600 Datasheet HTML 43Page - Microsemi Corporation APA600 Datasheet HTML 44Page - Microsemi Corporation APA600 Datasheet HTML 45Page - Microsemi Corporation APA600 Datasheet HTML 46Page - Microsemi Corporation APA600 Datasheet HTML 47Page - Microsemi Corporation APA600 Datasheet HTML 48Page - Microsemi Corporation APA600 Datasheet HTML 49Page - Microsemi Corporation APA600 Datasheet HTML 50Page - Microsemi Corporation APA600 Datasheet HTML 51Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 174 page
background image
ProASICPLUS Flash Family FPGAs
v5.2
1-43
Table 1-27 • Worst-Case Military Conditions
VDDP = 3.0 V, VDD = 2.3 V, 35 pF load, TJ = 125°C for Military/MIL-STD-883
Macro Type
Description
Max
tDLH
1
Max
tDHL
2
Max
tENZH
3
Max
tENZL
4
Units
Std.
Std.
Std.
Std.
OTB33PH
3.3 V, PCI Output Current, High Slew Rate
2.2
2.4
2.3
2.1
ns
OTB33PN
3.3 V, High Output Current, Nominal Slew Rate
2.4
3.2
2.7
2.3
ns
OTB33PL
3.3 V, High Output Current, Low Slew Rate
2.7
3.5
2.9
3.0
ns
OTB33LH
3.3 V, Low Output Current, High Slew Rate
2.7
4.3
3.0
3.1
ns
OTB33LN
3.3 V, Low Output Current, Nominal Slew Rate
3.3
4.7
3.4
4.4
ns
OTB33LL
3.3 V, Low Output Current, Low Slew Rate
3.2
6.0
3.5
5.9
ns
Notes:
1. tDLH=Data-to-Pad High
2. tDHL=Data-to-Pad Low
3. tENZH=Enable-to-Pad, Z to High
4. tENZL = Enable-to-Pad, Z to Low
Table 1-28 • Worst-Case Military Conditions
VDDP = 2.3 V, VDD = 2.3 V, 35 pF load, TJ = 125°C for Military/MIL-STD-883
Macro Type
Description
Max
tDLH
1
Max
tDHL
2
Max
tENZH
3
Max
tENZL
4
Units
Std.
Std.
Std.
Std.
OTB25LPHH
2.5 V, Low Power, High Output Current, High Slew Rate5
2.3
2.3
2.4
2.1
ns
OTB25LPHN
2.5 V, Low Power, High Output Current, Nominal Slew
Rate5
2.7
3.2
2.8
2.1
ns
OTB25LPHL
2.5 V, Low Power, High Output Current, Low Slew Rate5
3.2
3.5
3.3
2.8
ns
OTB25LPLH
2.5 V, Low Power, Low Output Current, High Slew Rate5
3.0
5.0
3.2
2.8
ns
OTB25LPLN
2.5 V, Low Power, Low Output Current, Nominal Slew Rate5
3.7
4.5
4.1
4.1
ns
OTB25LPLL
2.5 V, Low Power, Low Output Current, Low Slew Rate5
4.4
5.8
4.4
5.4
ns
Notes:
1. tDLH=Data-to-Pad High
2. tDHL=Data-to-Pad Low
3. tENZH=Enable-to-Pad, Z to High
4. tENZL = Enable-to-Pad, Z to Low
5. Low power I/O work with VDDP=2.5V ±10% only. VDDP=2.3V for delays.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com