Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APT80GA60B Datasheet(PDF) 11 Page - Microsemi Corporation

Part # APT80GA60B
Description  Power Semiconductors Power Modules RF Power MOSFETs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT80GA60B Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button APT80GA60B Datasheet HTML 7Page - Microsemi Corporation APT80GA60B Datasheet HTML 8Page - Microsemi Corporation APT80GA60B Datasheet HTML 9Page - Microsemi Corporation APT80GA60B Datasheet HTML 10Page - Microsemi Corporation APT80GA60B Datasheet HTML 11Page - Microsemi Corporation APT80GA60B Datasheet HTML 12Page - Microsemi Corporation APT80GA60B Datasheet HTML 13Page - Microsemi Corporation APT80GA60B Datasheet HTML 14Page - Microsemi Corporation APT80GA60B Datasheet HTML 15Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
11
Series
Voltage
Ratings
Features
Applications
Comment
DL
600
Low V
F
Ultra-soft recovery
Avalanche Rated
Output rectifier
Resonant circuits
Ultra-soft recovery minimizes or
eliminates snubber
D
200, 300, 400,
600, 1000, 1200
Medium V
F
Medium Speed
Freewheeling Diode
Output rectifier
DC-DC converter
Proprietary platinum process
DQ
600, 1000, 1200
High speed
Avalanche Rated
PFC
Freewheeling Diode
DC-DC converter
Stepped epi improves softness
Proprietary platinum process
DS
600
Very high speed
High frequency PFC
Proprietary platinum process
Schottky
200
Low V
F
Avalanche rated
Output rectifier
Freewheeling Diode
DC-DC converter
The graph below shows the relative recovery speed and forward voltage positions of 600V DL, D, DQ and DS series diodes.
Ultra Fast Recovery Diodes
Microsemi PPG offers five series of discrete diode products: a new DL series low VF ultra-soft recovery, the medium speed medium VF
D series, the high speed DQ series, the very high speed DS series, and the silicon Schottky S series. These series of diodes are designed
to provide high quality solutions to a wide range of high voltage, high power application requirements, ranging from fast recovery for
continuous conduction mode power factor correction to low conduction loss for output rectification. Distinguishing features, technology
used, and applications for each product family are summarized in the table below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com