Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APT43GA90B Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APT43GA90B
Description  Power Semiconductors Power Modules RF Power MOSFETs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT43GA90B Datasheet(HTML) 3 Page - Microsemi Corporation

  APT43GA90B Datasheet HTML 1Page - Microsemi Corporation APT43GA90B Datasheet HTML 2Page - Microsemi Corporation APT43GA90B Datasheet HTML 3Page - Microsemi Corporation APT43GA90B Datasheet HTML 4Page - Microsemi Corporation APT43GA90B Datasheet HTML 5Page - Microsemi Corporation APT43GA90B Datasheet HTML 6Page - Microsemi Corporation APT43GA90B Datasheet HTML 7Page - Microsemi Corporation APT43GA90B Datasheet HTML 8Page - Microsemi Corporation APT43GA90B Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
3
Insulated Gate Bipolar Transistors (IGBTs)
10
20
30
40
50
60
70
80
90
100
110
120
IGBT Switching Frequency Ranges (kHz, hard switched)
600V
1200V
900V
Thunderbolt® NPT
Thunderbolt® NPT
Thunderbolt® High Speed (HS) NPT
Fast NPT
Standard
Series
Voltage
Ratings (V)
Technology
Easy to
Parallel
Short Circuit
SOA
Comment
Thunderbolt®
600, 1200
NPT
X
X
General purpose, high speed
Thundebolt®
High Speed
600
NPT
X
X
Highest speed
FAST
1200
NPT
X
X
General purpose, medium
speed
MOS 7™
1200
PT
Ultra-low gate charge
MOS 8™
600, 900, 1200
PT, NPT
Highest efficiency
Field Stop
Trench Gate
600, 1200
Field Stop
X
X
Lowest conduction loss
Power MOS 8TM PT
Power MOS 8TM PT
Field Stop
Field Stop
IGBTs from Microsemi
IGBT products from Microsemi provide high quality solutions for a wide range of high voltage, high power applications. The switching
frequency range spans from DC for minimal conduction loss to over 100kHz for very high power density SMPS applications. The fre-
quency range for each product type is shown in the graph below. Each IGBT product represents the latest in IGBT technology, providing
the best possible performance/cost combination for the targeted application. There are six product series that utilize three different
IGBT technologies: Non-Punch-Through (NPT), Punch-Through (PT) and Field Stop.
Product Options
All standard IGBT products are available as a single IGBT or as a Combi product packaged with an anti-parallel DQ series diode.
Package options include TO-220, TO-247, T-MAX®, TO-264, and SOT-227. Customized products are available; contact factory for details.
Power MOS 7TM PT
Power MOS 8TM NPT (NEW!)
Note: Frequency ranges shown are typical for a 50A IGBT. Refer to product data sheet max frequency vs current graph for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com