Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B06B-PASK Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # B06B-PASK
Description  PA FAMILY SERIES/PA?줡AF?줡AL CONNECTOR Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B06B-PASK Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button B06B-PASK Datasheet HTML 7Page - List of Unclassifed Manufacturers B06B-PASK Datasheet HTML 8Page - List of Unclassifed Manufacturers B06B-PASK Datasheet HTML 9Page - List of Unclassifed Manufacturers B06B-PASK Datasheet HTML 10Page - List of Unclassifed Manufacturers B06B-PASK Datasheet HTML 11Page - List of Unclassifed Manufacturers B06B-PASK Datasheet HTML 12Page - List of Unclassifed Manufacturers B06B-PASK Datasheet HTML 13Page - List of Unclassifed Manufacturers B06B-PASK Datasheet HTML 14Page - List of Unclassifed Manufacturers B06B-PASK Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
73
PA Receptacle + PA Header
(Standard type)
PAF Receptacle + PA Header
PA Receptacle + PA Header
(Retainer mountable type)
PA Receptacle + PA side entry
type header (Standard type)
PAF Receptacle +
PA side entry type header
PA Receptacle + PA side entry type
header (Retainer mountable type)
PA FAMILY SERIES /PA•PAF•PAL CONNECTOR
PC board layout (viewed from component side) and Assembly layout ––––––––––––––––––
5.8(.228)
[5.8(.228)]
+0.1
0
0.7
(.028
)dia.
+.004
0
+0.1
0
1.0
(.039
)dia.
+.004
0
2.0
±0.05(.079±.002)
A
±0.05(.002)
1.5
±0.05(.059±.002)
7.2(.283)
Through-hole type
Top entry type
8.2(.323)
13.8(.543)
8.2(.323)
[18.9(.744)]
8.2(.323)
[18.8(.740)](retainer included)
+0.1
0
0.7
(.028
)dia.
+.004
0
+0.1
0
1.1
(.043
)dia.
+.004
0
A
±0.05(.002)
1.5
±0.05
(.059
±.002)
2.0
±0.05
(.079
±.002)
Side entry type
PA Receptacle + PA
Header (Standard type)
PAF Receptacle + PA Header
PA Receptacle + PA Header
(Retainer mountable type)
Connector outline
[6.2(.244)]
[1.4(.055)]
[7.6(.299)]
[1.4(.055)]
[6.2(.244)]
[1.4(.055)]
0.4
(.016
)R
+.004
0
+ 0.1
0
1.7
±0.1
(.067
±.004)
2.2
±0.05(.087±.002)
2.0
±0.05
(.079
±.002)
1.8
±0.1(.071±.004)
1.0
±0.1
(.039
±.004)
1.45
±0.1(.057±.004)
1.0(.039)min.
A
±0.1
(.004)
0.8
(.031
)dia.
+.004
0
+ 0.1
0
SMT type
Top entry type
Note:
1. Tolerances are non-cumulative:
±0.05mm (±.002") for all centers.
2. The dimensions above should serve as a guideline. Contact JST for details.
Note:
1. Tolerances are non-cumulative:
±0.05mm (±.002") for all centers.
2. Hole dimensions differ according to the kind of PC board and piercing method.
The dimensions above should serve as a guideline. Contact JST for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com