Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VLP-06V Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VLP-06V
Description  6.2mm pitch/Disconnectable Crimp style connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VLP-06V Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VLP-06V Datasheet HTML 1Page - List of Unclassifed Manufacturers VLP-06V Datasheet HTML 2Page - List of Unclassifed Manufacturers VLP-06V Datasheet HTML 3Page - List of Unclassifed Manufacturers VLP-06V Datasheet HTML 4Page - List of Unclassifed Manufacturers VLP-06V Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
• Housing lances for contact retention
• Secondary retainer
• Suited for large current
• Two kinds of connections
This VL connector is designed for wire-to-
wire and wire-to-board 6.2mm pitch
connector corresponding to large current.
Secondary retainer, which prevents from
insufficient insertion of contact and coming
off contact, may use and large current
circuit can be connected certainly and
safety.
1
VL CONNECTOR
6.2mm pitch/Disconnectable Crimp style connectors
2, 3 circuits:φ2.1±0.05
Single-row 4 circuits:φ1.8 ±0.05
A ±0.1
6.2±0.05
3.6min
(13.2)
(15.6)
φ2.1±0.05
A±0.1
6.2±0.05
3.6min
(19.3)
(21.7)
(2, 3, Single-row 4 circuits)
(4, 6, 8, 12 circuits)
<Outer-housing lock>
<Inner-housing lock>
<Outer-housing lock>
<Inner-housing lock>
PC board layout (viewed from soldering side) and Assembly layout
Note: 1. Tolerances are non-cumulative:
±0.05mm for all centers.
2. Hole dimensions differ according to the kind of PC board and piercing method. The dimensions above should serve as a guideline. Contact JST for details.
Specifications–––––––––––––––––––
• Current rating:
20A AC, DC (Refer to the table below.)
• Voltage rating:
600V AC, DC
• Temperature range: -25˚C to +90˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/7m
Ω max.
After environmental testing/10m
Ω max.
• Insulation resistance:
1,000M
Ω min.
• Withstanding voltage:
2,000V AC/minute
• Applicable wire: AWG #22 to #12
• Applicable PC board thickness: 1.6mm
* Compliant with RoHS.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
Note: The current rating differs depending on the number of circuits and the
wire size used in each connector. The table below lists the current rating
as a function of the number of circuits and the wire size.
Note: Do not branch in parallel current which exceeds the rated current (eg. more than
17A in the case of 3 circuits with AWG #12). If branched in parallel, current
imbalance or other problems may develop. If it is absolutely necessary to branch
such a large current in parallel, design the circuits without causing any imbalance
and provide an extra margin for each circuit.
Standards ––––––––––––––––––––––
0 Recognized E60389
1CertifiedLR20812
2R9351103
2
3
4
6
8
12
20
17
16
15
14
13
15
14
13
12
11
10
10
9
9
8
7
7
8
8
7
7
6
6
6
6
6
5
5
4
#12
#14
#16
#18
#20
4
4
4
3
3
3
#22
Wire size(AWG)
Circuits
Current unit:A


Similar Part No. - VLP-06V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VLP-06V ETC2-VLP-06V Datasheet
232Kb / 5P
6.2mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
VLP-06V JST-VLP-06V Datasheet
232Kb / 5P
6.2mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
VLP-06V-1 ETC2-VLP-06V-1 Datasheet
232Kb / 5P
6.2mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
VLP-06V-1 JST-VLP-06V-1 Datasheet
232Kb / 5P
6.2mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - VLP-06V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
Disconnectable Crimp style connectors
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
Disconnectable Crimp style connectors
B06P-VL ETC2-B06P-VL Datasheet
232Kb / 5P
6.2mm pitch/Disconnectable Crimp style connectors
B12P-VL ETC2-B12P-VL Datasheet
232Kb / 5P
6.2mm pitch/Disconnectable Crimp style connectors
VLR-03V ETC2-VLR-03V Datasheet
228Kb / 4P
6.2mm pitch/Disconnectable Crimp style Wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
SLM JST-SLM Datasheet
1Mb / 6P
6.2mm pitch disconnectable crimp style wire-to-wire connectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com