Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP20049 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP20049
Description  Ultra-Low Noise, High PSRR 150mA Linear Regulator in 0.8x0.8mm WLCSP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20049 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP20049 Datasheet HTML 1Page - Monolithic Power Systems MP20049 Datasheet HTML 2Page - Monolithic Power Systems MP20049 Datasheet HTML 3Page - Monolithic Power Systems MP20049 Datasheet HTML 4Page - Monolithic Power Systems MP20049 Datasheet HTML 5Page - Monolithic Power Systems MP20049 Datasheet HTML 6Page - Monolithic Power Systems MP20049 Datasheet HTML 7Page - Monolithic Power Systems MP20049 Datasheet HTML 8Page - Monolithic Power Systems MP20049 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MP20049 – ULTRA-LOW NOISE, HIGH PSRR 150mA LINEAR REGULATOR IN 0.8x0.8mm WLCSP
MP20049 Rev. 1.1
www.MonolithicPower.com
3
10/22/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = (VOUT + 0.5V) or 2.5 V (whichever is greater), EN = VIN, IOUT = 10mA, CIN = COUT = 1µF
TA = 25°C, unless otherwise noted.
Notes:
6) Dropout Voltage is defined as the input to output differential when the output voltage drops 100mV below its nominal value.
7) Line Regulation=
()
IN(MAX )
IN(MIN)
OUT V
OUT V
IN(MIN)
OUT(NOM)
IN MAX
VV
(% / V)
VV
V
⎡⎤
⎡
⎤
⎣⎦
⎣
⎦
−
×
⎡⎤
−×
⎣⎦
8) Load Regulation=
)
NOM
(
OUT
)
MIN
(
OUT
)
MAX
(
OUT
]
I
[
OUT
]
I
[
OUT
V
*
]
I
I
[
V
V
)
MIN
(
OUT
)
MAX
(
OUT
−
−
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input voltage range
VIN
2.3
6
V
Maximum Output Current
IMAX
Continuous
150
mA
Output Voltage Accuracy
∆VOUT
IOUT = 10mA
-1
+1
%
Current Limit
ILIM
RLoad=1Ω
165
250
380
mA
No Load(25°C)
40
55
70
µA
Ground Current
IQ
No Load(-40°C<TA<85°C)
40
75
µA
VOUT = 2.8V, IOUT = 80mA
TJ=-40°C to 125°C
40
110
mV
Dropout Voltage
(6)
VDROP
VOUT = 2.8V, IOUT = 120mA
TJ=-40°C to 125°C
50
120
mV
Line regulation
(7)
VLNR
VIN=3.3v to 6v
IOUT=0.1mA
-0.06
+0.06
%/V
Load regulation
(8)
VLDR
IOUT=1mA to150mA
0.001
%/mA
EN Input High Threshold
VIH
VIN = 3.3V to 5.5V
1.2
V
EN Input Low Threshold
VIL
VIN = 3.3V to 5.5V
0.4
V
EN Input Bias Current
ISD
EN = VIN= 5.5V
100
300
nA
Shutdown Supply Current
IGSD
EN = GND
0.03
1
µA
Thermal Shutdown Temperature
TSD
150
°C
Thermal Shutdown Hysteresis
∆TSD
20
°C
Output Voltage Noise
10Hz to 100kHz,
COUT=4.7µF,
Vout=1.2V
ILOAD=10mA
16
µVRMS
1kHz, COUT = 2.2µF,
ILOAD = 10mA
78
dB
10kHz , COUT = 2.2µF,
ILOAD = 10mA
75
dB
Output Voltage AC PSRR
100kHz , COUT = 2.2µF,
ILOAD = 10mA
55
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com