Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDS2000C Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TDS2000C
Description  Digital Storage Oscilloscopes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS2000C Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TDS2000C Datasheet HTML 1Page - List of Unclassifed Manufacturers TDS2000C Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS2000C Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS2000C Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS2000C Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS2000C Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS2000C Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS2000C Datasheet HTML 8Page - List of Unclassifed Manufacturers TDS2000C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Limit Test provides a quick Pass/Fail comparison of any triggered input signal to a user-
defined template.
Flexible data transfer
The USB host port on the front panel enables you to save your instrument
settings, screenshots, and waveform data in a flash. The built-in Data
Logging feature means you can set up your oscilloscope to save user-
specified triggered waveforms to a USB memory device for up to 24 hours.
You can also select the "infinite" option for continuous waveform monitoring.
With this mode you can save your triggered waveforms to an external USB
memory device without a duration limitation until the memory device is full.
The oscilloscope will then guide you to insert another USB memory device
to continue saving waveforms.
Data Logging enables automatic saving of triggered waveforms.
Conveniently use your USB flash drive to store screenshots and waveform data.
Easy PC connectivity
Easily capture, save, and analyze measurement results by connecting to
your PC with the rear-panel USB device port and the included copy of
OpenChoice PC Communications Software. Simply pull screen images and
waveform data into the stand-alone desktop application or directly into
Microsoft Word and Excel. Alternatively, if you prefer not to use your PC,
you can simply print your image directly to any PictBridge-compatible
printer.
Connect to your bench for intelligent debug
Every TDS2000C Series oscilloscope ships with an included copy of the
Limited Tektronix Edition of National Instrument's LabView SignalExpress
for basic instrument control, data logging, and analysis.
SignalExpress supports the range of Tektronix bench instruments (For a
complete listing of Tektronix instruments supported by NI LabView Signal
Express, visit: www.tektronix.com/signalexpress) enabling you to connect
your entire test bench. You can then access the feature-rich tools packed
into each instrument from one intuitive software interface. This allows you to
automate complex measurements requiring multiple instruments, log data
for an extended period of time, time-correlate data from multiple
instruments, and easily capture and analyze your results, all from your PC.
Only Tektronix offers a connected test bench of intelligent instruments to
simplify and speed debug of your complex design.
TDS2000C Digital Storage Oscilloscopes
www.tektronix.com 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com